전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX88190AL 데이터시트(PDF) 37 Page - ASIX Electronics Corporation

부품명 AX88190AL
상세설명  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASIX [ASIX Electronics Corporation]
홈페이지  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL 데이터시트(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 33Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 34Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 35Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 36Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 37Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 38Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 39Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 40Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
37
A.4 Dual power (5V and 3.3V) application
+5V
+5V
+3.3V
(option for core logic)
+5V
HVdd
+5V
+3.3V LVdd
A.5 Single power (3.3V) application
+3.3V
+3.3V
+3.3V HVdd
+3.3V
+3.3V LVdd
AX88190A
PHY/TxRx
MODEM
DAA
MAGNETIC
RJ45
RJ11
+5V PCMCIA I/F
EEPROM
AX88190A
PHY/TxRx
MODEM
DAA
MAGNETIC
RJ45
RJ11
+3.3V PCMCIA I/F
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com