전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D2425 데이터시트(PDF) 4 Page - Sensata Technologies, Inc.

부품명 D2425
상세설명  PANEL MOUNT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

D2425 데이터시트(HTML) 4 Page - Sensata Technologies, Inc.

  D2425 Datasheet HTML 1Page - Sensata Technologies, Inc. D2425 Datasheet HTML 2Page - Sensata Technologies, Inc. D2425 Datasheet HTML 3Page - Sensata Technologies, Inc. D2425 Datasheet HTML 4Page - Sensata Technologies, Inc. D2425 Datasheet HTML 5Page - Sensata Technologies, Inc. D2425 Datasheet HTML 6Page - Sensata Technologies, Inc. D2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
SURGE CURRENT INFORMATION
0
20
40
60
80
100
120
0.01
0.1
1
10
Surge Duration (Secs)
10 A
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
25 A
0
100
200
300
400
500
600
0.01
0.1
1
10
Surge Duration (Secs)
50 A
0
100
200
400
300
500
600
700
900
800
0.01
0.1
1
10
Surge Duration (Secs)
75 A
0
150
450
300
600
750
900
1200
1050
0.01
0.1
1
10
Surge Duration (Secs)
90 A
0
300
600
900
1200
1500
0.01
0.1
1
10
Surge Duration (Secs)
110 A
0
200
400
800
600
1000
1200
1400
1800
1600
0.01
0.1
1
10
Surge Duration (Secs)
125 A
Non repetitive peak surge current at Tj initial 40ºC.
Page 4



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com