| 전자부품 데이터시트 검색엔진 |
|
PIC16F883 데이터시트(PDF) 8 Page - Matrix Technology Solutions Ltd |
|
|
|||||||||||||||||||||||||||||
PIC16F883 데이터시트(HTML) 8 Page - Matrix Technology Solutions Ltd |
|
8 / 13 page ![]() 8 Copyright © 2014 Matrix Technology Solutions Ltd PICmicro microcontroller pin out details Broadly speaking the ranges of PICmicro devices are designed to be upwards compatible: the pin functions on an 18-pin device are available on a 28-pin device and a 40-pin device. This can be seen from the following excerpt from the Microchip product selector card. The following diagram shows the pin out of the various PICmicro devices: RA1/AN1 RA2/AN2/Vrefout 1 18 RA0/AN0 RA3/AN3/CMP1/Vrefin 2 17 OSC1/CLKIN/RA7 RA4/T0CKI/CMP2 3 16 OSC2/CLKOUT/RA6 Vpp/RA5/THV/MCLR 4 15 Vdd Vss 5 14 RB7/T1OSI RBO/INT 6 13 RB6/T1OSO/T1CKI RB1/RX/DT 7 12 RB5 RB2/TX/CK 8 11 RB4/PGM RB3/CCP1 9 10 18-pin PICmicro Vss Vdd 1 8 GP0/AN0 GP5/OSC1/CLKIN 2 7 GP1/AN1/Vref GP4/OSC2/AN3/CLKOUT 3 6 GP2/T0CKI/AN2/INT Vpp/GP3/MCLR 4 5 8-pin PICmicro Note that GP0 maps to RB7 GP1 maps to RB6 GP2/AN2 maps to RA0/AN0 Vss Vdd 1 14 RA0/CIN+/ICSPDAT RA5/T1CKI/OSC1/CLKIN 2 13 RA1/CIN-/ICSPCLK RA4/TIG/OSC2/CKLOUT 3 12 RA2/COUT/T0CKI/INT RA3/MCLR/Vpp 4 11 Rc0 Rc5 5 10 Rc1 Rc4 6 9 Rc2 Rc3 7 8 14-pin PICmicro Vss Vdd 1 20 RA0/D+/PGD RA5/OSC1/CLKIN 2 19 RA1/D-/PGC RA4/AN3/OSC2/CLKOUT 3 18 VUSB RA3/MCLR/Vpp 4 17 RC0/AN4/INTO/VREF+ RC5/CCP1/P1A 5 16 RC1/AN5/INT1/VREF- RC4/P1B 6 15 RC2/AN6/INT2 RC3/AN7/P1C/PGM 7 14 RB4/AN10/SDI/SDA RC6/AN8/T1OSCO 8 13 RB5/AN11/RX/DT RC7/AN9/SDO/T1OSCO 9 12 20-pin PICmicro RB6/SCK/SCL RB7/TX/CK 10 11 RB7/PGO/KB13 MCLR 1 40 RB6/PGC/KB12 RA0/AN0 2 39 RB5/KBI1 RA1/AN1 3 38 RB4/KBI0 RA2/AN2/Vrl/Vref- 4 37 RB3/PGM/CCP2/CANRX RA3/AN3/Vrh/Vref+ 5 36 RB2/INT2/CANTX RA4/T0CKI 6 35 RB1/INT1 RA5/AN4/SS/Lvdin 7 34 RB0/INT0 RE0/AN5/RD 8 33 Vdd RE1/AN6/WR 9 32 40-pin PICmicro Vss RE3/AN7/CS 10 31 RD7/PSP7/PD Avdd 11 30 RD6/PSP6/PC Avss 12 29 RD5/PSP5/PB OSC1/CLKI 13 28 RD4/PSP4/ECC/PA OSC2/CLKO/RA6 14 27 RC7/RX/DT RC0/T1OSO/T1CKI 15 26 RC6/TX/CK RC1/T1OSVCCP2 16 25 RC5/SKO/D+ RC2/CCP1 17 24 RC4/SDI/SDA/D- RC3/SCK/SCL 18 23 RD3/PSP3/C2IN RD0/PSP0/C1IN+ 19 22 RD2/PSP2/C2IN+ RD1/PSP1/C1IN- 20 21 RB7/PGO Vpp/MCLR 1 28 RB6/PGC RA0/AN0 2 27 RB5 RA1/AN1 3 26 RB4 RA2/AN2/Vrl/Vref- 4 25 RB3/PGM/CCP2 RA3/AN3/Vrh/Vref+ 5 24 RB2/INT2 RA4/T0CKI 6 23 RB1/INT1 RA5/AN4/SS/Avdd/Lvdin 7 22 RB0/INT Vss 8 21 Vdd OSC1/CLKI 9 20 28-pin PICmicro Vss OSC2/CLKO/T1CKI 10 19 RC7/RX/DT RC0/T1OSO/CCP2I 11 18 RC6/TX/CK RC1/T1OS/CCP2I 12 17 RC5/SDO/D+ RC2/CCP1 13 16 RC4/SKI/SDA/D- RC3/SKC/SCL 14 15 |