전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL70001SEHFE 데이터시트(PDF) 23 Page - Renesas Technology Corp

부품명 ISL70001SEHFE
상세설명  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHFE 데이터시트(HTML) 23 Page - Renesas Technology Corp

Back Button ISL70001SEHFE Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 17Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 18Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 19Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 20Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 21Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 22Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 23Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 23 of 23
Feb 5, 2024
For the most recent package outline drawing, see R48.B.
R48.B
48 Ceramic Quad Flatpack Package (CQFP) with Bottom Heatsink
Rev 0, 10/12
1.080 (27.43)
0.555 (14.10)
INDEX AREA
PIN 1
1.118 (28.40)
0.572 (14.53)
0.253 (6.43)
0.287 (7.29)
1.118 (28.40)
1.080 (27.43)
0.040 (1.016) BSC
0.012 (0.30)
0.008 (0.20)
0.572 (14.53)
0.555 (14.10)
#48
#1
TOP VIEW
0.013 (0.33)
0.131 (3.33)
0.042 (1.067) REF
SIDE VIEW
0.009 (0.23)
0.105 (2.67)
HEATSINK
0.026 (0.66) MIN. 2
PIN 1
INDEX AREA
BOTTOM VIEW
#1 #48
0.359 (9.12)
HEATSINK
0.349 (8.87)
0.349 (8.87)
0.359 (9.12)
NOTES:
1. All dimensions are in inches (millimeters)
2. Dimension shall be measured at point of exit
(beyond the meniscus) of the lead from the body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com