전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC536DBR.B 데이터시트(PDF) 13 Page - Texas Instruments

부품명 CDC536DBR.B
상세설명  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CDC536DBR.B 데이터시트(HTML) 13 Page - Texas Instruments

Back Button CDC536DBR.B Datasheet HTML 8Page - Texas Instruments CDC536DBR.B Datasheet HTML 9Page - Texas Instruments CDC536DBR.B Datasheet HTML 10Page - Texas Instruments CDC536DBR.B Datasheet HTML 11Page - Texas Instruments CDC536DBR.B Datasheet HTML 12Page - Texas Instruments CDC536DBR.B Datasheet HTML 13Page - Texas Instruments CDC536DBR.B Datasheet HTML 14Page - Texas Instruments CDC536DBR.B Datasheet HTML 15Page - Texas Instruments CDC536DBR.B Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PACKAGE OUTLINE
C
26X 0.65
2X
8.45
28X
0.38
0.22
8.2
7.4
TYP
SEATING
PLANE
0.05 MIN
0.25
GAGE PLANE
0 -8
2 MAX
B
5.6
5.0
NOTE 4
A
10.5
9.9
NOTE 3
0.95
0.55
(0.15) TYP
SSOP - 2 mm max height
DB0028A
SMALL OUTLINE PACKAGE
4214853/B 03/2018
1
14
15
28
0.15
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-150.
A 15
DETAIL A
TYPICAL
SCALE 1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16