| 전자부품 데이터시트 검색엔진 |
|
CSD96497 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD96497 데이터시트(HTML) 5 Page - Texas Instruments |
|
5 / 10 page ![]() 0.05 MIN ALL AROUND 0.05 MAX ALL AROUND SOLDER MASK OPENING SOLDER MASK METAL UNDER SOLDER MASK DEFINED (PADS 6 - 7, OPTIONAL FOR OTHER PADS) METAL SOLDER MASK OPENING SOLDER MASK DETAILS NON SOLDER MASK DEFINED (PREFERRED FOR PADS 1 - 5 & 8 - 12) (0.05) TYP 2X (1.13) 6X (1.32) 2X (0.31) 2X (2.85) (3.3) 20X (0.5) (4.7) 22X (0.25) 10X (0.7) (5.4) (R0.05) TYP ( 0.2) VIA TYP 6X (1.4) 2X (0.7) SYMM 1 6 7 12 SYMM LAND PATTERN EXAMPLE 13 METAL UNDER SOLDER MASK 2X SOLDER MASK OPENING 2X 5 8 5 CSD96497Q5MC www.ti.com SLPS714A – JANUARY 2019 – REVISED MARCH 2019 Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated 6.2 Recommended PCB Land Pattern 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This package is designed to be soldered to thermal pads on the board. For more information, see QFN/SON PCB Attachment (SLUA271). 4. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown on this view. It is recommended that vias under paste be filled, plugged or tented. |