전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K2966M 데이터시트(PDF) 3 Page - EPCOS

부품명 K2966M
상세설명  IF Filter for Intercarrier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

K2966M 데이터시트(HTML) 3 Page - EPCOS

  K2966M Datasheet HTML 1Page - EPCOS K2966M Datasheet HTML 2Page - EPCOS K2966M Datasheet HTML 3Page - EPCOS K2966M Datasheet HTML 4Page - EPCOS K2966M Datasheet HTML 5Page - EPCOS K2966M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
K 2966 M
38,90 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
37,40 MHz
15,7
17,2
18,7
dB
following data
Relative attenuation
α
rel
Picture carrier
38,90 MHz
4,6
5,6
6,6
dB
Color carrier
34,47 MHz
2,1
3,1
4,1
dB
Sound carrier
32,40 MHz
18,9
20,4
21,9
dB
33,40 MHz
17,8
19,3
dB
Adjacent picture carrier
30,90 MHz
48,0
62,0
dB
31,90 MHz
40,0
58,0
dB
Adjacent sound carrier
40,40 MHz
45,0
58,0
dB
41,40 MHz
44,0
58,0
dB
Lower sidelobe
25,00
... 30,90 MHz
42,0
48,0
dB
Upper sidelobe
40,40
... 45,00 MHz
36,0
42,0
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
54,0
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Group delay predistortion
∆τ
(reference frequency 38,90 MHz)
36,90 MHz
–55
ns
34,47 MHz
45
ns
Impedance at 37,40 MHz
Input:
ZIN
=
RIN
||
CIN
2,2 ||11,9
k
Ω || pF
Output:
ZOUT = ROUT || COUT
3,3 || 2,8
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com