전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STI5202 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STI5202
상세설명  Low-cost set-top box decoder for H.264 and Microsoft VC1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5202 데이터시트(HTML) 4 Page - STMicroelectronics

  STI5202 Datasheet HTML 1Page - STMicroelectronics STI5202 Datasheet HTML 2Page - STMicroelectronics STI5202 Datasheet HTML 3Page - STMicroelectronics STI5202 Datasheet HTML 4Page - STMicroelectronics STI5202 Datasheet HTML 5Page - STMicroelectronics STI5202 Datasheet HTML 6Page - STMicroelectronics STI5202 Datasheet HTML 7Page - STMicroelectronics STI5202 Datasheet HTML 8Page - STMicroelectronics STI5202 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical applications
STi5202
4/9
1.1
Detailed features
The STi5202 is a single-chip,standard-definition video decoder including:
●
Flexible audio decoder
●
Windows Media™ DRM support
●
Microsoft® VC-1, WMA9 and H.264 MPEG2 support
●
Linux®, Windows® CE and OS21 compatible ST40 CPU core: 266 MHz
●
Transport filtering and descrambling
●
SVP compliant
●
Graphics engine and dual display: standard and enhanced definition
The STi5202 also features the following embedded interfaces:
●
USB 2.0 host controller/PHY interface
●
DVI/HDMI™ output (optional)
●
Low-cost modem
●
100BT ethernet controller with integrated MAC and MII/RMII interface for external PHY
The processor subsystem uses the ST40 32-bit superscaler RISC CPU and includes:
●
266 MHz, 2-way set associative 16-Kbyte ICache, 32-Kbyte DCache, MMU
●
5-stage pipeline, delayed branch support
●
Floating point unit, matrix operation support
●
Debug port, interrupt controller
The transport subsystem includes:
●
TS merger/router
–
Merging of 3 external transport streams (2 serial/parallel inputs, 1 bidirectional
interface)
–
Transport streams from memory support
–
NRSS-A module interface
●
Programmable transport interfaces (PTIs)
–
Two programmable transport interfaces
–
Two transport stream demultiplexers: DVB, DIRECTV®, ATSC, ARIB, OpenCable,
DCII
–
Integrated DES, AES, DVB and Multi2 descramblers
–
NDS random access scrambled stream protocol (RASP) compliant
–
NDS ICAM CA
–
Support for VGS, Passage



Html Pages

1 2 3 4 5 6 7 8 9