전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL78100 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL78100
상세설명  High Power LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL78100 Datasheet HTML 1Page - Intersil Corporation ISL78100 Datasheet HTML 2Page - Intersil Corporation ISL78100 Datasheet HTML 3Page - Intersil Corporation ISL78100 Datasheet HTML 4Page - Intersil Corporation ISL78100 Datasheet HTML 5Page - Intersil Corporation ISL78100 Datasheet HTML 6Page - Intersil Corporation ISL78100 Datasheet HTML 7Page - Intersil Corporation ISL78100 Datasheet HTML 8Page - Intersil Corporation ISL78100 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6626.0
December 17, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Maximum pin voltage, all pins except below 6.5V
VIN, SWS1, SWS2, EN/PWM . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
VBAT, FAULT, FB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V
|VHI - SWS1, SWS2| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
SWD1, SWD2, OVP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Thermal Resistance
θJA (°C/W) / θJC (°C/W)
20 Ld QFN Package (Notes 1, 2). . . . .
39
2.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VBAT = VIN = 12V, VDC = 5V, TA = -40°C to +105°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Supply Voltage
IOUT = 350mA, 8 LEDs, BUCK/BOOSTN = GND
5
16
V
VIN
Input Supply Voltage
IOUT = 350mA, 5 LEDs, BUCK/BOOSTN = GND,
TMAX disabled
2.7
12
V
VBAT
Input Supply Monitor
Normal operating range
2.7
16
V
VBATFAULT
Supply Fault Threshold
If VBAT > VBATFAULT, FAULT pin is switched to
ground
17.6
21
24
V
ISEN
Supply Current in VIN
No switching, EN/PWM = 1
2.7
3.5
mA
ISDIS
Supply Current in VIN
No switching, EN/PWM = 0
0.6
2.5
µA
RSWITCH
Power FET On-Resistance
ISWITCH = 600mA
0.15
0.25
Ω
VDC
Regulated Auxiliary Supply
4.75
5
5.25
V
ROUTOL
Auxiliary Supply Open Loop Output
Resistance
VIN < VDC
40
Ω
ROUTCL
Auxiliary Supply Closed Loop Output
Resistance
VIN > 6V, F < 100Hz
6.5
Ω
IOUT
Output Drive Current
4 LED output string. VIN = VBAT = 10V
1
A
ILIMBOOST
Power Switch Current Limit
BUCK/BOOSTN = GND
3.6
A
ILIMBUCK
Power Switch Current Limit
BUCK/BOOSTN = VDC
2.4
A
OVPH
Overvoltage Positive Going Voltage
Mode Threshold
Upper threshold to enter overvoltage fault mode,
TA = +25°C
31
32
V
OVPL
Overvoltage Negative Going Voltage
Mode Threshold
Lower threshold to exit overvoltage fault mode,
TA = +25°C
20
23
V
VGATE
Protection FET VGS (Gate Clamp)
VIN - VFAULT
9.76
12.2
14.64
V
VGATE
Protection FET VGS (Gate Clamp)
VFAULT - VIN
8.16
10.2
12.24
V
VFB
Feedback Voltage
System in regulation, VLEVEL = 1V,
VIN = 12V, 6 LEDs
0.18
0.2
0.22
V
VLEVEL
Light Control Voltage Linear Input
Range
Mode = 1, analog control of LED current
0.25
3
V
FBUV FAULT
Feedback Undervoltage Fault
VLEVEL = 1V, EN/PWM = 3V
100
160
200
mV
ISL78100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com