전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ORD228VL 데이터시트(PDF) 1 Page - Comus International

부품명 ORD228VL
상세설명  Reed Switch - Sub-Miniature - Normally Open Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMUS [Comus International]
홈페이지  https://comus-intl.com/
Logo COMUS - Comus International

ORD228VL 데이터시트(HTML) 1 Page - Comus International

  ORD228VL Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information
PART NUMBER ORD228VL 10 50
Type
Minimum (AT)
Sensitivity
Maximum (AT)
Sensitivity
Example:
Type ORD228VL Standard Sensitivity. Pull-in sensitivity
between 10-50 AT is PART NO: ORD228VL 10 50
Available in ranges of 5 AT e.g: 10-15, 15-20 etc.
NOTE
When cutting or bending switch leads it is important that
the glass seal is not damaged. The cutting or bending
point should be no closer than 3mm (.118in.) to the glass
to metal seal and the lead should be supported between
the cutting or bending point and the glass to metal seal.
We offer a crop and form service for Reed Switches to
be customized to your specification.
Rev. No.
Revision Note
Date
Signature
2
Datasheet Redesign
27-06-06
NG
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to
help you with the latest information on this product range and the details of our full design and manufacturing service. All products are supplied
to our standard conditions of sale unless otherwise agreed in writing.
Phone : (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
©2006 Copyright Comus International Ltd, 454 Allwood Road, Clifton, New Jersey, 07012, USA.
Reed Switch - Sub-Miniature - Normally Open Contacts
Part Number : ORD228VL
Product Data Sheet
SPECIFICATION
Contact Form
Normally Open
Contact Material
Rhodium
Switching Capacity
Max.
10 VA
Switching Voltage
Max.
100 VAC/DC
Switching Current
Max.
0.5 A
Carrying Current
Max.
1.0 A
Dielectric Strength
Min.
150 VDC
Contact Resistance
Max.
150 mOhms
Insulation Resistance
Min.
10
9
Pull - In - Sensitivity
10 - 50 AT
Drop - Out - Sensitivity
Min.
5
Bounce Time
Max.
0.3 ms
Release Time
Max.
0.05 ms
Resonant Frequency
Typ.
5000 Hz
Operating Frequency
Max.
500 Hz
Vibration (10-1000Hz)
20 g
Shock (11 ms)
30
Capacitance
Typ.
0.3pF
Operating Temperature Range
-40°C + 125°C
Test Coil
Type
0221
DIMENSIONS
2.2Ø
(0.0866)
44.3
(1.772)
0.5Ø
(0.0197)
14
(0.5512)
PICTURE
Drawings not to scale
All dimensions in mm (inches) nominal.
Did you know we also sell?
Float Switches
Magnets
Movement
Sensors
Proximity
Switches
Acceleration /
Shock Switches
Reed Relays
Solid State
Relays


유사한 부품 번호 - ORD228VL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ORD228VL ETC1-ORD228VL Datasheet
91Kb / 8P
General Purpose Miniature (Medium-level Load 100 V Max.)
logo
Meder Electronic
ORD228VL MEDER-ORD228VL Datasheet
86Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD228VL OKI-ORD228VL Datasheet
86Kb / 8P
REED SWITCH
logo
Standex Electronics, In...
ORD228VL STANDEX-ORD228VL Datasheet
791Kb / 6P
ORD228VL Reed Switch Miniature high-performance
Version 01 Feb 2022
More results

유사한 설명 - ORD228VL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MLRR-2 ETC1-MLRR-2 Datasheet
68Kb / 1P
Miniature normally open switch with 19.05mm x 2.66mm
logo
celduc-relais
D32A CELDUC-D32A Datasheet
346Kb / 2P
DUAL IN LINE REED RELAY / 2 normally open contacts
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDRR-6 HAMLIN-MDRR-6 Datasheet
127Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-7 HAMLIN-MDSR-7 Datasheet
126Kb / 1P
Sub-miniature normally open switch with 12.7mm x 1.8mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
logo
Reed Relays and Electro...
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com