전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS32K112BFT0V 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 FS32K112BFT0V
상세설명  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0V 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button FS32K112BFT0V Datasheet HTML 17Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 18Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 19Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 20Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 21Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 22Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 23Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 24Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
1.
All power numbers listed in this table are typical power numbers
2.
Current numbers are quoted for a certain application code and may vary on user configuration and silicon process variation.
3.
The power numbers are not strictly for the VLPS mode operation alone, but also includes power due to periodic wakeup. The power therefore includes wakeup
plus VLPS mode activity. This leads to greater dependence of power numbers on application code.
4.
The single LPSPI used is LPSPI1 in S32K14X devices but LPSPI0 in S32K11x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85