| 전자부품 데이터시트 검색엔진 |
|
ECWH16162JVC 데이터시트(PDF) 5 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWH16162JVC 데이터시트(HTML) 5 Page - Panasonic Semiconductor |
|
5 / 21 page ![]() ECWH(V) series ■ Rated voltage [DC]:1600 V, Capacitance tolerance:±3 %(H), ±5 %(J) * □:Capacitance tolerance code () :Suffix for lead crimped or taped type ECWH16682 □V( ) ECWH16752 □V( ) ECWH16822 □V( ) ECWH16103 □V( ) ECWH16133 □V( ) ECWH16302 □V( ) ECWH16332 □V( ) ECWH16392 □V( ) ECWH16432 □V( ) ECWH16472 □V( ) ECWH16512 □V( ) − ECWH16333 □V( ) ECWH16393 □V( ) ECWH16433 □V( ) ECWH16473 □V( ) ECWH16513 □V( ) ECWH16563 □V( ) ECWH16163 □V( ) ECWH16183 □V( ) ECWH16203 □V( ) ECWH16243 □V( ) ECWH16273 □V( ) ECWH16303 □V( ) 0.039 0.043 0.047 0.051 0.056 0.030 0.033 29.5 22.0 22.5 23.5 ECWH16152 □V( ) ECWH16162 □V( ) ECWH16202 □V( ) ECWH16222 □V( ) ECWH16272 □V( ) 0.018 0.020 0.024 0.027 0.0068 0.0075 0.0082 0.010 0.013 0.016 0.0033 0.0039 0.0043 0.0047 0.0051 0.0062 0.0015 0.0016 0.0020 0.0027 0.003 28.0 28.0 28.0 28.0 28.0 23.0 23.0 23.0 28.0 28.0 28.0 23.0 23.0 23.0 23.0 23.0 18.0 18.0 18.0 18.0 23.0 23.0 13.5 14.5 15.0 15.5 16.0 18.0 18.0 18.0 18.0 18.0 10.5 11.0 10.0 10.5 11.0 11.5 7.0 7.5 7.5 8.0 9.0 10.0 7.5 7.0 6.5 6.5 7.0 6.5 7.0 7.0 6.5 7.0 7.5 14.0 14.5 14.0 14.0 14.5 15.0 20.5 13.5 13.5 14.0 13.5 14.0 15.0 15.5 15.5 16.0 14.0 24.0 24.5 19.5 20.0 21.0 21.5 25.0 25.0 24.5 23.5 16.5 17.5 15.0 20.0 20.0 20.0 20.0 25.0 25.0 20.0 20.0 20.0 15.0 10.0 15.0 15.0 15.0 15.0 17.5 17.5 17.5 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 15.0 0.8 0.8 15.0 15.0 10.0 0.8 300 400 500 400 500 400 500 25.0 17.5 0.8 0.8 17.5 0.8 25.0 17.5 25.0 17.5 0.8 25.0 25.0 17.5 0.8 20.0 15.0 Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. 03-Apr-23 25.0 17.5 0.8 27.0 ECWH16363 □V( ) 0.036 28.0 12.5 21.5 26.5 0.8 0.8 17.5 17.5 25.0 25.0 25.0 27.5 28.5 29.0 ECWH16153 □V( ) 0.015 23.0 9.5 18.0 23.0 20.0 15.0 22.5 ECWH16223 □V( ) 0.022 28.0 9.5 18.0 23.0 15.0 24.5 20.0 15.0 23.5 20.0 25.5 18.5 ECWH16123 □V( ) 0.012 23.0 9.0 17.0 22.0 ECWH16113 □V( ) 0.011 23.0 8.5 17.0 22.0 19.5 20.0 18.5 19.5 20.0 28.0 0.8 ECWH16912 □V( ) 0.0091 23.0 8.0 16.0 21.0 20.0 15.0 0.8 0.8 0.8 0.8 15.0 0.8 20.5 20.0 15.0 15.0 0.8 20.5 20.0 0.8 20.0 20.0 ECWH16562 □V( ) 0.0056 23.0 6.5 15.0 20.0 23.0 ECWH16622 □V( ) 0.8 10.0 0.8 19.5 20.0 15.0 10.0 0.8 19.0 15.0 0.8 19.0 15.0 ECWH16362 □V( ) 0.0036 18.0 7.0 13.5 18.5 7.0 0.8 10.0 0.8 19.0 15.0 10.0 15.0 10.0 0.8 19.0 15.0 0.0022 10.0 0.8 18.5 15.0 10.0 0.8 0.8 10.0 0.8 19.0 15.0 10.0 10.0 15.0 18.5 19.0 15.0 15.0 0.8 Crimped lead ECWH16132 □V( ) 0.0013 18.0 6.5 13.0 18.0 15.0 10.0 18.5 500 ECWH16182 □V( ) 0.0018 18.0 7.0 ECWH16242 □V( ) 0.0024 18.0 7.0 13.5 18.5 Rating · Dimensions · Quantity Part No. Capaci- tance (μF) Dimensions (mm) Min. order Q'ty (PCS) L max. T max. H max. F S ød Taping Bulk Straight Crimped lead Straight Crimped lead 7.5 mm Straight |