전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLSE28CF 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLSE28CF
상세설명  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSE28CF 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLSE28CF Datasheet HTML 1Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 2Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 3Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 4Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 5Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 6Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 7Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 8Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL(RE,RME,SE,OE,YE,GE)28C(F)
2007-10-01
1
TOSHIBA InGaAℓP LED
TLRE28C(F),TLRME28C(F),TLSE28C(F),TLOE28C(F),
TLYE28C(F),TLGE28C(F)
○
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 4.3x5mm
• InGaAℓP technology
• Colored Transparent lens
• Lineup: 6 colors (red,yellow, green)
• Excellent low current light output
• High intensity light emission
• Applications: message boards, dashboard displays
Lineup
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE28C(F)
50
4
120
TLRME28C(F)
50
4
120
TLSE28C(F)
50
4
120
TLOE28C(F)
50
4
120
TLYE28C(F)
50
4
120
TLGE28C(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
EIAJ
―
TOSHIBA
4-5AQ1
Weight: 0.25 g (Typ.)
Product Name
Color
Material
TLRE28C(F)
Red
InGaAℓP
TLRME28C(F)
Red
InGaAℓP
TLSE28C(F)
Red
InGaAℓP
TLOE28C(F)
Orange
InGaAℓP
TLYE28C(F)
Yellow
InGaAℓP
TLGE28C(F)
Green
InGaAℓP


유사한 부품 번호 - TLSE28CF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLSE20T TOSHIBA-TLSE20T Datasheet
205Kb / 8P
Panel Circuit Indicator
TLSE20TP TOSHIBA-TLSE20TP Datasheet
271Kb / 8P
Panel Circuit Indicator
TLSE20TP TOSHIBA-TLSE20TP Datasheet
247Kb / 9P
Panel Circuit Indicator
TLSE20TPF TOSHIBA-TLSE20TPF Datasheet
271Kb / 8P
Panel Circuit Indicator
TLSE20TPF TOSHIBA-TLSE20TPF Datasheet
247Kb / 9P
Panel Circuit Indicator
More results

유사한 설명 - TLSE28CF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com