전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6924D013TR 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 L6924D013TR
상세설명  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D013TR 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button L6924D013TR Datasheet HTML 29Page - STMicroelectronics L6924D013TR Datasheet HTML 30Page - STMicroelectronics L6924D013TR Datasheet HTML 31Page - STMicroelectronics L6924D013TR Datasheet HTML 32Page - STMicroelectronics L6924D013TR Datasheet HTML 33Page - STMicroelectronics L6924D013TR Datasheet HTML 34Page - STMicroelectronics L6924D013TR Datasheet HTML 35Page - STMicroelectronics L6924D013TR Datasheet HTML 36Page - STMicroelectronics L6924D013TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
L6924D
Additional applications information
33/38
Name
Value
Description
LD2
RED
ST2 LED.
J1
ST1 jumper. Using to select the LED or the external
µC.
J2
ST2 jumper. Using to select the LED or the external
µC.
J3
SD jumper. If open, the device is in SD mode; when closed, the device starts
to work.
J4
VOPRG jumper. If closed, the 4.2V output voltage is set; if open, the 4.1V is
set.
J5
VPRE jumper. If closed with R10 in short-circuit with GND, reset the timer.
Table 7.
Demo board components description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com