전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0652P-16 데이터시트(PDF) 2 Page - Bel Fuse Inc.

부품명 0652P-16
상세설명  5x20mm Time-lag, low breaking capacity, glass tube body cartridge fuse designed, approved and refer to IEC 60127-2, standard sheet 3.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0652P-16 데이터시트(HTML) 2 Page - Bel Fuse Inc.

  0652P-16 Datasheet HTML 1Page - Bel Fuse Inc. 0652P-16 Datasheet HTML 2Page - Bel Fuse Inc. 0652P-16 Datasheet HTML 3Page - Bel Fuse Inc. 0652P-16 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0652C/0652P
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
0652x Sep2024_1.2R
Environmental Specifications
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition 1
(100 G's peak for 6 milliseconds; Sawtooth waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test Condition B (48 hrs.)
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition B (After Opening) 100,000 ohms minimum.
Solderability
MIL-STD-202G, Method 208H
Resistance to solder Heat
MIL-STD-202G, Method 210F, Test Condition B (260+/-5
℃,10+/-1 sec)
Thermal Shock
MIL-STD-202G, Method 107G, Test Condition B (-65
℃ to +125℃).
Operating Temperature
-55
℃ to +125℃
Terminal Strength
IEC-68-2-21
Electrical Specifications
Catalog Number
Ampere
Rating
Typical Cold
Resistance
(ohms)
Volt-drop
@100%In
(Volt) max.
Voltage and
Interrupting
Ratings
Melting I²T
<10 mSec
(A²Sec)
Maximum
Power
Dissipation
(W)
Agency
Approvals
0652C0500-XX
500mA
0.19
0.130
See Table of
Safety
Approvals on
Page 1 for
Voltage and
associated
Interrupting
Ratings
1.11
0.26
Y
0652P0500-XX
0652C0630-XX
630mA
0.15
0.130
1.50
0.38
Y
0652P0630-XX
0652C0800-XX
800mA
0.10
0.110
2.27
0.40
Y
0652P0800-XX
0652C1000-XX
1A
0.078
0.110
5.52
0.46
Y
0652P1000-XX
0652C1250-XX
1.25A
0.052
0.090
10.13
0.48
Y
0652P1250-XX
0652C1600-XX
1.6A
0.040
0.090
8.15
0.64
Y
0652P1600-XX
0652C2000-XX
2A
0.032
0.090
10.98
0.86
Y
0652P2000-XX
0652C2500-XX
2.5A
0.024
0.090
20.52
1.08
Y
0652P2500-XX
0652C3150-XX
3.15A
0.019
0.090
32.36
1.36
Y
0652P3150-XX
0652C4000-XX
4A
0.014
0.080
54.39
1.60
Y
0652P4000-XX
0652C5000-XX
5A
0.010
0.080
132.25
1.60
Y
0652P5000-XX
0652C6300-XX
6.3A
0.0085
0.080
169.00
1.60
Y
0652P6300-XX
0652C8000-XX
8A
0.0070
0.080
281.60
3.48
Y
0652P8000-XX
0652C9100-XX
10A
0.0050
0.080
534.29
3.60
Y
0652P9100-XX
0652C9125-XX
12.5A
0.0042
0.080
883.05
4.60
Y
0652P9125-XX
Consult manufacturer for other ratings
Specifications subject to change without notice



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com