| 전자부품 데이터시트 검색엔진 |
|
STM32G474CE 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 232 page ![]() Pinouts and pin description STM32G474xB STM32G474xC STM32G474xE 60/232 DS12288 Rev 1 E6 16 - 22 22 K2 30 37 PC4 I/O FT_fa - TIM1_ETR, I2C2_SCL, USART1_TX, QUADSPI1_BK2_IO3 , EVENTOUT ADC2_IN5 H7 - - 23 23 J3 31 38 PC5 I/O TT_a - TIM15_BKIN, SAI1_D3, TIM1_CH4N, USART1_RX, HRTIM1_EEV10, EVENTOUT ADC2_IN11, OPAMP1_VINM, OPAMP2_VINM, WKUP5 F6 17 16 24 24 H4 32 39 PB0 I/O TT_a - TIM3_CH3, TIM8_CH2N, TIM1_CH2N, QUADSPI1_BK1_IO1 , HRTIM1_FLT5, UCPD1_FRSTX, EVENTOUT ADC3_IN12/ADC 1_IN15, COMP4_INP, OPAMP2_VINP, OPAMP3_VINP G6 18 17 25 25 K3 33 40 PB1 I/O TT_a - TIM3_CH4, TIM8_CH3N, TIM1_CH3N, COMP4_OUT, QUADSPI1_BK1_IO0 , LPUART1_RTS_DE, HRTIM1_SCOUT, EVENTOUT ADC3_IN1/ADC1 _IN12, COMP1_INP, OPAMP3_VOUT, OPAMP6_VINM J7 19 18 26 26 J4 34 41 PB2 I/O TT_a - RTC_OUT2, LPTIM1_OUT, TIM5_CH1, TIM20_CH1, I2C3_SMBA, QUADSPI1_BK2_IO1 , HRTIM1_SCIN, EVENTOUT ADC2_IN12, COMP4_INM, OPAMP3_VINM H6 - 19 27 27 K4 35 42 VSSA S - - - - J6 20 20 28 28 K5 36 43 VREF+ S - - - VREFBUF_OUT - - - - - - - 44 VREF+ S - - - VREFBUF_OUT J5 21 21 29 29 J5 37 45 VDDA S - - - - H9 - - - - E5 - 46 VSS S - - - - J1 - - - - F5 - 47 VDD S - - - - - - - - - - - 48 PF11 I/O FT - TIM20_ETR, FMC_NE4, EVENTOUT - Table 12. STM32G474xB/xC/xE pin definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |