전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR0544CSSC33SMKA1-CP 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 AR0544CSSC33SMKA1-CP
상세설명  1/4.2-inch 5 MP CMOS Digital Image Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0544CSSC33SMKA1-CP 데이터시트(HTML) 3 Page - ON Semiconductor

  AR0544CSSC33SMKA1-CP Datasheet HTML 1Page - ON Semiconductor AR0544CSSC33SMKA1-CP Datasheet HTML 2Page - ON Semiconductor AR0544CSSC33SMKA1-CP Datasheet HTML 3Page - ON Semiconductor AR0544CSSC33SMKA1-CP Datasheet HTML 4Page - ON Semiconductor AR0544CSSC33SMKA1-CP Datasheet HTML 5Page - ON Semiconductor AR0544CSSC33SMKA1-CP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AR0544
www.onsemi.com
3
Table 2. 10-bit MODES OF OPERATION
Mode Name
Mode Description
Resolution
Frame Rate
Native
5 MP Linear Mode Full Resolution
2592 x 1944
60
LI Native
5 MP LI-HDR Mode
2592 x 1944
30
Crop
1080P Linear
1920 x 1080
110
SLP Native
5M Linear Mode Full Resolution,
Lowest Power
2592 x 1944
1
Bin4
0.3 MP Linear, Lowest Power
648 x 486
1
WoM Bin4
Wake On Motion w/ Streaming
648 x 486
1
WoM Bin4Skip2 (Note 2)
Wake On Motion without Streaming
324 x 243
1
2. Sensor resolution is actually 648 x 486. GB columns are skipped which helps reduce power consumption. The stream output of the sensor
cannot be used in this mode.
Table 3. 12-bit MODES OF OPERATION
Mode Name
Mode Description
Resolution
Frame Rate
eDR Native
5M eDR Mode
2592 x 1944
30
Table 4. ORDERING INFORMATION
Part Number
Product Description
Orderable Product Attribute Description
AR0544CSSC11SMKA1-CP
5 MP 1/4.2” CMOS Image sensor RGB 11 CRA
CSP with Protective Film
AR0544CSSC11SMKA1-CP2
5 MP 1/4.2” CMOS Image sensor RGB 11 CRA
CSP with Protective Film Low MOQ
AR0544CSSC11SMKA1-CR
5 MP 1/4.2” CMOS Image sensor RGB 11 CRA
CSP without Protective Film
AR0544CSSC11SMKAH3-GEVB
5 MP 1/4.2” CMOS Image sensor RGB 11 CRA
Demo3 Headboard
AR0544CSSM11SMKA1-CP
5 MP 1/4.2” CMOS Image sensor Mono 11 CRA
CSP with Protective Film
AR0544CSSM11SMKA1-CP2
5 MP 1/4.2” CMOS Image sensor Mono 11 CRA
CSP with Protective Film Low MOQ
AR0544CSSM11SMKA1-CR
5 MP 1/4.2” CMOS Image sensor Mono 11 CRA
CSP without Protective Film
AR0544CSSM11SMKAH3-GEVB
5 MP 1/4.2” CMOS Image sensor Mono 11 CRA
Demo3 Headboard
AR0544CSSH11SMKA1-CP
5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA
CSP with Protective Film
AR0544CSSH11SMKA1-CP2
5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA
CSP with Protective Film Low MOQ
AR0544CSSH11SMKA1-CR
5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA
CSP without Protective Film
AR0544CSSH11SMKAH3-GEVB
5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA
Demo Headboard
AR0544CSSC33SMKA1-CP
5 MP 1/4.2” CMOS Image sensor RGB 33 CRA
CSP with Protective Film
AR0544CSSC33SMKA1-CP2
5 MP 1/4.2” CMOS Image sensor RGB 33 CRA
CSP with Protective Film Low MOQ
AR0544CSSC33SMKA1-CR
5 MP 1/4.2” CMOS Image sensor RGB 33 CRA
CSP without Protective Film
AR0544CSSC33SMKAH3-GEVB
5 MP 1/4.2” CMOS Image sensor RGB 33 CRA
Demo3 Headboard
AR0544CSSH33SMKA1−CP
5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA
CSP with Protective Film
AR0544CSSH33SMKA1−CP2
5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA
CSP with Protective Film Low MOQ
AR0544CSSH33SMKA1−CR
5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA
CSP without Protective Film
AR0544CSSH33SMKAH3−GEVB 5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA
Demo Headboard
3. Refer to AR0544 Die Data Sheet for Die Part Numbers & Ordering Information.



Html Pages

1 2 3 4 5 6