전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G474CEH6 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 STM32G474CEH6
상세설명  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CEH6 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button STM32G474CEH6 Datasheet HTML 35Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 36Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 37Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 38Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 39Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 40Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 41Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 42Page - STMicroelectronics STM32G474CEH6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 232 page
background image
DS12288 Rev 1
39/232
STM32G474xB STM32G474xC STM32G474xE
Functional overview
47
3.27
Infrared transmitter
The STM32G474xB/xC/xE devices provide an infrared transmitter solution. The solution is
based on internal connections between TIM16 and TIM17 as shown in the figure below.
TIM17 is used to provide the carrier frequency and TIM16 provides the main signal to be
sent. The infrared output signal is available on PB9 or PA13.
To generate the infrared remote control signals, TIM16 channel 1 and TIM17 channel 1 must
be properly configured to generate correct waveforms. All standard IR pulse modulation
modes can be obtained by programming the two timers output compare channels.
Figure 4. Infrared transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More