| 전자부품 데이터시트 검색엔진 |
|
STM32G474VCH7 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VCH7 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 232 page ![]() Pinouts and pin description STM32G474xB STM32G474xC STM32G474xE 70/232 DS12288 Rev 1 B6 44 43 59 75 A4 93 121 PB6 I/O FT_c - TIM16_CH1N, TIM4_CH1, TIM8_CH1, TIM8_ETR, USART1_TX, COMP4_OUT, FDCAN2_TX, TIM8_BKIN2, LPTIM1_ETR, HRTIM1_SCIN, HRTIM1_EEV4, SAI1_FS_B, EVENTOUT UCPD1_CC1 C7 45 44 60 76 B4 94 122 PB7 I/O FT_f - TIM17_CH1N, TIM4_CH2, I2C4_SDA, I2C1_SDA, TIM8_BKIN, USART1_RX, COMP3_OUT, TIM3_CH4, LPTIM1_IN2, FMC_NL, HRTIM1_EEV3, UART4_CTS, EVENTOUT PVD_IN B7 46 45 61 77 A3 95 123 PB8-BOOT0 I/O FT_f (5) TIM16_CH1, TIM4_CH3, SAI1_CK1, I2C1_SCL, USART3_RX, COMP1_OUT, FDCAN1_RX, TIM8_CH2, TIM1_BKIN, HRTIM1_EEV8, SAI1_MCLK_A, EVENTOUT - A7 47 46 62 78 A2 96 124 PB9 I/O FT_f - TIM17_CH1, TIM4_CH4, SAI1_D2, I2C1_SDA, IR_OUT, USART3_TX, COMP2_OUT, FDCAN1_TX, TIM8_CH3, TIM1_CH3N, HRTIM1_EEV5, SAI1_FS_A, EVENTOUT - Table 12. STM32G474xB/xC/xE pin definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |