| 전자부품 데이터시트 검색엔진 |
|
STM32G474CEH7 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CEH7 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 232 page ![]() Pinouts and pin description STM32G474xB STM32G474xC STM32G474xE 64/232 DS12288 Rev 1 E3 29 - 38 52 F9 65 80 PC6 I/O FT_f - TIM3_CH1, HRTIM1_EEV10, TIM8_CH1, I2S2_MCK, COMP6_OUT, I2C4_SCL, HRTIM1_CHF1, EVENTOUT - D5 - - 39 53 F10 66 81 PC7 I/O FT_f - TIM3_CH2, HRTIM1_FLT5, TIM8_CH2, I2S3_MCK, COMP5_OUT, I2C4_SDA, HRTIM1_CHF2, EVENTOUT - - - - - - - - 82 PG0 I/O FT - TIM20_CH1N, FMC_A10, EVENTOUT - - - - - - - - 83 PG1 I/O FT - TIM20_CH2N, FMC_A11, EVENTOUT - - - - - - - - 84 PG2 I/O FT - TIM20_CH3N, SPI1_SCK, FMC_A12, EVENTOUT - - - - - - - - 85 PG3 I/O FT_f - TIM20_BKIN, I2C4_SCL, SPI1_MISO, TIM20_CH4N, FMC_A13, EVENTOUT - - - - - - - - 86 PG4 I/O FT_f - TIM20_BKIN2, I2C4_SDA, SPI1_MOSI, FMC_A14, EVENTOUT - C5 - - 40 54 E8 67 87 PC8 I/O FT_f - TIM3_CH3, HRTIM1_CHE1, TIM8_CH3, TIM20_CH3, COMP7_OUT, I2C3_SCL, EVENTOUT - Table 12. STM32G474xB/xC/xE pin definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |