전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2219 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 2N2219
상세설명  HIGH-SPEED SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2219 데이터시트(HTML) 4 Page - STMicroelectronics

  2N2219 Datasheet HTML 1Page - STMicroelectronics 2N2219 Datasheet HTML 2Page - STMicroelectronics 2N2219 Datasheet HTML 3Page - STMicroelectronics 2N2219 Datasheet HTML 4Page - STMicroelectronics 2N2219 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
6.6
0.260
E
8.5
0.334
F
9.4
0.370
G
5.08
0.200
H
1.2
0.047
I
0.9
0.035
L45
o (typ.)
L
G
I
DA
H
TO39 MECHANICAL DATA
P008B
2N2218-2N2219-2N2221-2N2222
4/5



Html Pages

1 2 3 4 5