전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G474VCT3 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32G474VCT3
상세설명  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCT3 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32G474VCT3 Datasheet HTML 1Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 2Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 3Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 4Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 5Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 6Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 7Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 8Page - STMicroelectronics STM32G474VCT3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 232 page
background image
Contents
STM32G474xB STM32G474xC STM32G474xE
4/232
DS12288 Rev 1
3.18.2
Internal voltage reference (VREFINT) . . . . . . . . . . . . . . . . . . . . . . . . . . 32
3.18.3
VBAT battery voltage monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
3.18.4
Operational amplifier internal output (OPAMPxINT): . . . . . . . . . . . . . . . 32
3.19
Digital to analog converter (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
3.20
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
3.21
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
3.22
Operational amplifier (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
3.23
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
3.24
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
3.24.1
High-resolution timer (HRTIM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.24.2
Advanced motor control timer (TIM1, TIM8, TIM20) . . . . . . . . . . . . . . . 35
3.24.3
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM15, TIM16,
TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.24.4
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.24.5
Low-power timer (LPTIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.24.6
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.24.7
System window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.24.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.25
Real-time clock (RTC) and backup registers . . . . . . . . . . . . . . . . . . . . . . 38
3.26
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
3.27
Infrared transmitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.28
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.29
Universal synchronous/asynchronous receiver transmitter (USART) . . . 41
3.30
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 42
3.31
Serial peripheral interface (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.32
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.33
Controller area network (FDCAN1, FDCAN2, FDCAN3) . . . . . . . . . . . . . 44
3.34
Universal serial bus (USB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.35
USB Type-C™ / USB Power Delivery controller (UCPD) . . . . . . . . . . . . . 44
3.36
Clock recovery system (CRS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.37
Flexible static memory controller (FSMC) . . . . . . . . . . . . . . . . . . . . . . . . 45
3.38
Quad SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.39
Development support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.39.1
Serial wire JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.39.2
Embedded trace macrocell™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More