전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24236/2 데이터시트(PDF) 4 Page - Sensata Technologies, Inc.

부품명 M24236/2
상세설명  Extreme Temperature Protection Probe–Type Thermal Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M24236/2 데이터시트(HTML) 4 Page - Sensata Technologies, Inc.

  M24236/2 Datasheet HTML 1Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 2Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 3Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 4Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.sensata.com
Page 4
Copyright © 2018 Sensata Technologies, Inc.
DIMENSIONS (CONTINUED)
28303
28509
ORDERING OPTIONS
Example : 21549-06-XXX-03
Basic Package
Probe Length
Operating Characteristics
Wire Leads
21542 (or 21544, 21548, 21549)
Basic package describes general physical appearance
and basic thermostat incorporated into device
Probe length times 2
(probe length is the length in inches from bottom of the hex to bottom of the device)
Assigned consecutively (Sensata will assign this number at the time your order is taken)
For wire leads, this is the length of wire in 6 inch increments (for 6” it would be 1, for 12” it would be 2, for 18” it would be 3, etc.).
For connectors, contact Sensata Technologies for this code.
21549
06
XXX
03



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com