전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES2 데이터시트(PDF) 3 Page - YAGEO Corporation

부품명 ES2
상세설명  Super Fast Series Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ES2 데이터시트(HTML) 3 Page - YAGEO Corporation

  ES2 Datasheet HTML 1Page - YAGEO Corporation ES2 Datasheet HTML 2Page - YAGEO Corporation ES2 Datasheet HTML 3Page - YAGEO Corporation ES2 Datasheet HTML 4Page - YAGEO Corporation ES2 Datasheet HTML 5Page - YAGEO Corporation ES2 Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
6
Product Specification
ES2 SERIES
SUPER FAST RECOVERY RECTIFIER
Circuit Protection
www.yageo.com
Jul. 26, 2023 V.0
Electrical Characteristics
(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOLS
TEST
CONDITIONS
ES2A
ES2B
ES2D
ES2G
ES2J
UNITS
Maximum instantaneous
forward voltage
VF
IFM=2.0A
0.95
1.3
1.7
V
Maximum reverse
recovery time
trr
IF=0.5A,IR=1.0A,
Irr=0.25A
35
ns
Maximum DC reverse
current at rated DC
blocking voltage
IR
@Ta=25℃
5.0
uA
@Ta =125℃
200
Typical Characteristics Curves
Figure 1. Io‐TL Curve
Figure 1. Surge Forward Current Capability
Figure 3. Typical Forward Voltage
Figure 4. Typical Reverse Characteristics



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com