| 전자부품 데이터시트 검색엔진 |
|
2N3019 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N3019 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() 2N3019 HIGH CURRENT, HIGH FREQUENCY AMPLIFIERS DESCRIPTION The 2N3019 is a silicon planar epitaxial NPN transistors in Jedec TO-39 metal case, designed for high-current, high frequency amplifier application. It feature high gain and low saturation voltage. INTERNAL SCHEMATIC DIAGRAM November 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 140 V VCEO Collector-Emitter Voltage (IB = 0) 80 V VEBO Emitter-Base Voltage (IC = 0) 7 V IC Collector Current 1 A Ptot Total Dissipation at Tamb ≤ 25 oC at Tcase ≤ 25 oC 0.8 5 W W Tstg Storage Temperature -65 to 200 oC Tj Max. Operating Junction Temperature 200 oC TO-39 1/4 |
유사한 부품 번호 - 2N3019 |
|
유사한 설명 - 2N3019 |