| 전자부품 데이터시트 검색엔진 |
|
TLE5010 데이터시트(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5010 데이터시트(HTML) 25 Page - Infineon Technologies AG |
|
25 / 56 page ![]() TLE5010 Synchronous Serial Communication Interface (SSC) Draft Preliminary Data Sheet 25 V 0.9, 2007-05 8 Synchronous Serial Communication Interface (SSC) The 3 pin synchronous serial interface (SSC) has a bidirectional data line (open drain), serial clock signal and chip select. It is designed to communicate with a micro controller with bidirectional SSC interface supporting Open Drain. Other micro controllers may require an external NPN transistor. This allows communication with SPI compatible devices. Figure 7 SSC Half-Duplex Configuration for µC with Open Drain support Figure 8 SSC Half-Duplex Configuration for µC without Open Drain support DATA DATA SCK SCK TLE 501x (SSC Slave) µC (SSC Master) typ. 1k Ω *) optional , e.g. 100 Ω Clock Generator Shift Register CS CS *) *) *) *) Shift Register DATA MRST MTSR SCK SCK TLE 501x (SSC Slave) µC (SSC Master) typ. 1k Ω *) optional , e.g. 100 Ω Clock Generator Shift Register CS CS *) *) *) *) optional Shift Register |