| 전자부품 데이터시트 검색엔진 |
|
MPC8358E 데이터시트(PDF) 91 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8358E 데이터시트(HTML) 91 Page - Freescale Semiconductor, Inc |
|
91 / 112 page ![]() MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2 Freescale Semiconductor 91 Clocking 22.1 System PLL Configuration The system PLL is controlled by the RCWL[SPMF] and RCWL[SVCOD] parameters. Table 70 shows the multiplication factor encodings for the system PLL. The RCWL[SVCOD] denotes the system PLL VCO internal frequency as shown in Table 71. NOTE The VCO divider must be set properly so that the system VCO frequency is in the range of 600-1400 MHz. The system VCO frequency is derived from the following equations: csb_clk = {PCI_SYNC_IN × (1 + CFG_CLKIN_DIV)} × SPMF Table 70. System PLL Multiplication Factors RCWL[SPMF] System PLL Multiplication Factor 0000 × 16 0001 Reserved 0010 × 2 0011 × 3 0100 × 4 0101 × 5 0110 × 6 0111 × 7 1000 × 8 1001 × 9 1010 × 10 1011 × 11 1100 × 12 1101 × 13 1110 × 14 1111 × 15 Table 71. System PLL VCO Divider RCWL[SVCOD] VCO Divider 00 4 01 8 10 2 11 Reserved |