전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5321 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 2N5321
상세설명  SMALL SIGNAL NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5321 데이터시트(HTML) 3 Page - STMicroelectronics

  2N5321 Datasheet HTML 1Page - STMicroelectronics 2N5321 Datasheet HTML 2Page - STMicroelectronics 2N5321 Datasheet HTML 3Page - STMicroelectronics 2N5321 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B0.49
0.019
D6.6
0.260
E8.5
0.334
F9.4
0.370
G
5.08
0.200
H1.2
0.047
I0.9
0.035
L45
o (typ.)
L
G
I
D
A
H
P008B
TO-39 MECHANICAL DATA
2N5320/2N5321
3/4



Html Pages

1 2 3 4