| 전자부품 데이터시트 검색엔진 |
|
COMPACT-SE 데이터시트(PDF) 3 Page - Coherent Corp |
|
|
|||||||||||||||||||||||||||||
COMPACT-SE 데이터시트(HTML) 3 Page - Coherent Corp |
|
3 / 4 page ![]() Compact SE Series Datasheet AVAILABLE ACCESSORIES COLLIMATORS FIXED OPTICS FIXED OPTICS WITH INTEGRATED PYROMETER SCANNER OPTICS The collimator is optimized to the requirements of Compact Series diode laser optical specifications: It is available with different collimating focal length for SMA and QBH fiber connector. The processing head with fixed spot size is used for soldering or contour welding. Different focal length allow a wide variation of spot sizes to meet the requirements of the application. The processing head with integrated pyrometer is used for non-contact measuring of the work piece temperature and enables closed loop temperature control. A powerful software package allows processes documentation and optimization. Scanner optics is used for quasi- simultaneous welding. A broad variation of spot sizes and scanning fields are available to meet the requirements of the application. SCANNER OPTICS WITH INTEGRATED PYROMETER OPTICS FOR RADIAL WELDING OPTICS FOR RADIAL WELDING WITH INTEGRATED PYROMETER LINE OPTICS The processing head enables quasi-simultaneous welding with the advantage of closed loop temperature control. The processing head enables simultaneous welding of a radial symmetrical component without rotating part or optics. Customer specific, dimensioning and optical set up can be optimized to the welding geometry. The processing head enables quasi-simultaneous welding of a radial symmetrical component with the advantage of closed loop temperature control. The programmable servomotor allows the welding without rotating the part. Line optics are used for applications that require a rectangular or square spot. Customized optical layouts allow a wide variation of different focci. All processing heads are available with SMA or QBH fiber connector. |