| 전자부품 데이터시트 검색엔진 |
|
JAE 데이터시트(PDF) 5 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
JAE 데이터시트(HTML) 5 Page - Sensata Technologies, Inc. |
|
5 / 14 page ![]() Page 5 sensata.com Copyright © 2025 Sensata Technologies, Inc. DIM “A” 1.607 [40.82] 10.370 [263.40] 1.500 [38.10] .854 [21.69] .875 [22.22] BOX TERMINAL SHOW N “B” ON OFF IO NI CONFIGURATIONS 1.437 (36.50) 1.305 (33.15) SWITCH ONLY SERIES Series Trip The most popular configuration for magnetic protectors is the series trip, where the sensing coil and contacts are in series with the load being protected. The handle position conveniently indicates circuit status. In addition to providing conventional overcurrent protection, it’s simultaneously used as an on-off switch. Auxiliary Switch This is furnished as an integral part of a series pole in single or multi-pole assemblies. Isolated electrically from the protector’s circuit, the switch works in unison with the power contacts and provides indication at a remote location of the protector’s on-off status. |