| 전자부품 데이터시트 검색엔진 |
|
XHS35F-100-R2-SS-12NB 데이터시트(PDF) 4 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
XHS35F-100-R2-SS-12NB 데이터시트(HTML) 4 Page - Sensata Technologies, Inc. |
|
4 / 7 page ![]() Page 4 Copyright © 2024 Sensata Technologies, Inc. www.sensata.com CONNECTIONS 14 Bit GRAY or NATURAL BINARY code B13 (msb) B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 (lsb) DIR (opt: LATCH or ENABLE) CASE GROUND 0V LATCH (opt: DIR or ENABLE) +V SHIELD DRAIN 13 Bit B12 (msb) B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 (lsb) 0V (opt: ENABLE, DIR or LATCH) 12 Bit std B1 1(msb) B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 (lsb) n.c. M14/19 M14 - 19 pins A B C D E F G H J K L M N P R S T U V - Cable Color PVC cable 20 wires WH/BK WH/ BN WH/ RD WH/ OG WH/ YE WH/ GN WH/ BU WH/ VT WH/ GY WH GY/ BK GY/ BN GY/ RD GY/OG* OG* GN BK YE* RD BARE Cable Color PVC cable 16 wires GR YE GY PK BU RD BK VT WH/ BN WH/ GR WH/ YE WH/ GY - - WH/BU Shield WH WH/PK BN - A1 A2 A3 A4 A5 A+ OUT A RETURN DIR RESET * 0V +V CASE GROUND M18 M18 Connector 10 Pins A H C B F D G M14/19 M14 Connector 19 Pins A B U C T V S CABLE COLOR PVC Cable 9 Wires YE WH/YE OG BU BK RD GN A1 A2 A3 A4 A5 DATA + DATA - CLK + CLK - DIR ENABLE* 0V +V CASE GROUND SHIELD DRAIN M18 M18 Connector 10 Pins A H B I C J F D G __ M14/19 M14 Connector 19 Pins A B C D R P T V S __ CABLE COLOR PVC Cable 9 Wires YE WH/YE BU WH/BU OG WH/OG BK RD GN BARE ANALOG Connections PARALLEL Connections SSI Connections * Optional * Optional * Optional Functions DIR: Standard is CW increasing when viewed from the shaft end, with pin DIR normally HI (pulled up internally to +V, or N/C). To reverse the count direction, pin DIR must be pulled LO (0V COMMON). RESET: Pin Reset is normally LO (pulled DOWN internally to +V, or N/C). Encoder position code is reset to 0° for digital parallel /SSI outputs and to 180° for analog outputs if pin DIR is HI (to +V) for minimum 250ms. LATCH: Encoder outputs are active and provide continuous parallel position information when Pin LATCH is HI (pulled up internally to +V, or N/C). When pin LATCH is LO (0V COMMON) the encoder outputs are latched at the logic state that is present when the latch is applied and will stay latched until pin LATCH is no longer LO (0V COMMON). Er outputs are active and provide continuous parallel position information when pin ENABLE is HI (pulled up internally to +V, or N/C). When pin ENABLE is LO (0V COMMON) the encoder outputs are switched off (tristated in high impedance) and will stay switched off until pin ENABLE is no longer LO (0V COMMON). M18 Connector is a MS3102R18-1P, 10-pin connector on the encoder body and mates to an MS3106F18-1S connector or can be used with a standard cable/connector assembly, BEI P/N 924-31186-18XX (Where XX = 10, 20 30 or 50 for a 10, 20, 30, or 50 foot length). This is the preferred connector for SSI output. M14/19 Connector is a MS3112E14-19P, 19-pin connector on the encoder body and mates to an MS3116J14-19S or equivalent. |