전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB615 데이터시트(PDF) 4 Page - TT Electronics.

부품명 OPB615
상세설명  Photologic® Slotted Optical Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB615 데이터시트(HTML) 4 Page - TT Electronics.

  OPB615 Datasheet HTML 1Page - TT Electronics. OPB615 Datasheet HTML 2Page - TT Electronics. OPB615 Datasheet HTML 3Page - TT Electronics. OPB615 Datasheet HTML 4Page - TT Electronics. OPB615 Datasheet HTML 5Page - TT Electronics. OPB615 Datasheet HTML 6Page - TT Electronics. OPB615 Datasheet HTML 7Page - TT Electronics. OPB615 Datasheet HTML 8Page - TT Electronics. OPB615 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Photologic® Slotted Optical Switch
OPB615, OPB616, OPB618 Series
OPB625, OPB626, OPB627, OPB628 Series
OPB665N, OPB666N, OPB667N Series
Rev C
05/2022
Page 4
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
OPB665N, OPB666N, OPB667N
Pin Color/
Number
Description
1
Anode
2
Cathode
3
VCC
4
Output
5
Ground
DIMENSIONS ARE IN:
INCHES
[MILLIMETERS]



Html Pages

1 2 3 4 5 6 7 8 9