| 전자부품 데이터시트 검색엔진 |
|
LEJBXF6-1-62-20.0-R 데이터시트(PDF) 5 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
LEJBXF6-1-62-20.0-R 데이터시트(HTML) 5 Page - Sensata Technologies, Inc. |
|
5 / 15 page ![]() LEJ & LEJA Series - Configurations 136 GUARD (LIMITED ACCESS ACTUATE-OFF) BX HANDLE WITHOUT GUARD ACCESSTO ACTUATE OFF IS LIMITED TO A DEVICE SMALLERTHAN 0.069 [1.75] x 0.155 [3.94] TWO POLE 1.515 [38.48] MAX OPTIONAL, HANDLE MAY BE IN POLE 2 INSTEAD OF POLE 1 ON OFF BARRIER 1.660 [42.16] 0.750 [19.05] 0.156 Ø [3.96] 2x PANEL MOUNT CUTOUT (1 POLE) PANEL PLUG (CONSULT FACTORY FOR AVAILABILITY) P/N: 121-710-2450 6-32 THD. (BLACK) P/N: 121-710-2451 M3 THD. (BLACK) P/N: 121-450-3000 6-32 THD. (BLACK) P/N: 121-450-3001 M3 THD. (BLACK) PANEL MOUNT CUTOUT (2 POLE) 0.125 [3.18] 1.660 [42.16] 1.260 [32.00] 0.750 [19.05] 1.660 [42.16] 0.750 [19.05] 0.156 Ø [3.96] 2x 1.260 [32.00] SINGLE POLE 1.660 [42.16] 0.191 [4.85] 0.750 [19.05] 2.250 [57.15] 2x 6-32THREAD (M3 ISOTHREAD OPTIONAL) 2.470 [62.74] MAX 0.125 [3.18] 1.220 [30.99] 2.250 [57.15] 1.687 [42.85] 1.239 [31.47] BARRIER LINE 2.000 [50.80] 0.387 [9.83] CONFIGURATIONS: LEJBX ROCKER HANDLE |