전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEJBXF66-1-63-20.0-R 데이터시트(PDF) 5 Page - Sensata Technologies, Inc.

부품명 LEJBXF66-1-63-20.0-R
상세설명  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEJBXF66-1-63-20.0-R 데이터시트(HTML) 5 Page - Sensata Technologies, Inc.

  LEJBXF66-1-63-20.0-R Datasheet HTML 1Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 2Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 3Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 4Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 5Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 6Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 7Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 8Page - Sensata Technologies, Inc. LEJBXF66-1-63-20.0-R Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LEJ & LEJA Series - Configurations
136
GUARD (LIMITED ACCESS ACTUATE-OFF)
BX HANDLE WITHOUT GUARD
ACCESSTO ACTUATE OFF IS LIMITED
TO A DEVICE SMALLERTHAN
0.069 [1.75] x 0.155 [3.94]
TWO POLE
1.515
[38.48]
MAX
OPTIONAL, HANDLE MAY BE
IN POLE 2 INSTEAD OF POLE 1
ON
OFF
BARRIER
1.660
[42.16]
0.750
[19.05]
0.156
Ø
[3.96]
2x
PANEL MOUNT CUTOUT (1 POLE)
PANEL PLUG (CONSULT FACTORY FOR AVAILABILITY)
P/N: 121-710-2450
6-32 THD. (BLACK)
P/N: 121-710-2451
M3 THD. (BLACK)
P/N: 121-450-3000
6-32 THD. (BLACK)
P/N: 121-450-3001
M3 THD. (BLACK)
PANEL MOUNT CUTOUT (2 POLE)
0.125
[3.18]
1.660
[42.16]
1.260
[32.00]
0.750
[19.05]
1.660
[42.16]
0.750
[19.05]
0.156
Ø
[3.96]
2x
1.260
[32.00]
SINGLE POLE
1.660
[42.16]
0.191
[4.85]
0.750
[19.05]
2.250
[57.15]
2x 6-32THREAD
(M3 ISOTHREAD
OPTIONAL)
2.470
[62.74]
MAX
0.125
[3.18]
1.220
[30.99]
2.250
[57.15]
1.687
[42.85]
1.239
[31.47]
BARRIER
LINE
2.000
[50.80]
0.387
[9.83]
CONFIGURATIONS: LEJBX ROCKER HANDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15