전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX28AC/SS 데이터시트(PDF) 7 Page - Parallax Inc

부품명 SX28AC/SS
상세설명  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALLAX [Parallax Inc]
홈페이지  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/SS 데이터시트(HTML) 7 Page - Parallax Inc

Back Button SX28AC/SS Datasheet HTML 3Page - Parallax Inc SX28AC/SS Datasheet HTML 4Page - Parallax Inc SX28AC/SS Datasheet HTML 5Page - Parallax Inc SX28AC/SS Datasheet HTML 6Page - Parallax Inc SX28AC/SS Datasheet HTML 7Page - Parallax Inc SX28AC/SS Datasheet HTML 8Page - Parallax Inc SX28AC/SS Datasheet HTML 9Page - Parallax Inc SX28AC/SS Datasheet HTML 10Page - Parallax Inc SX28AC/SS Datasheet HTML 11Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 7 of 51
Rev 1.6 11/20/2006
2.3.
Typical Connection Diagrams
Note: The 10 kΩ resistor connected to the MCLR pin is not needed when controlled externally.
Note: The 10 kΩ resistor connected to the MCLR pin is not needed when controlled externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51