전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC900E/2K5 데이터시트(PDF) 13 Page - Texas Instruments

부품명 DAC900E/2K5
상세설명  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900E/2K5 데이터시트(HTML) 13 Page - Texas Instruments

Back Button DAC900E/2K5 Datasheet HTML 9Page - Texas Instruments DAC900E/2K5 Datasheet HTML 10Page - Texas Instruments DAC900E/2K5 Datasheet HTML 11Page - Texas Instruments DAC900E/2K5 Datasheet HTML 12Page - Texas Instruments DAC900E/2K5 Datasheet HTML 13Page - Texas Instruments DAC900E/2K5 Datasheet HTML 14Page - Texas Instruments DAC900E/2K5 Datasheet HTML 15Page - Texas Instruments DAC900E/2K5 Datasheet HTML 16Page - Texas Instruments DAC900E/2K5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DAC900
13
SBAS093B
FIGURE 3. Differential Output Configuration Using an RF
Transformer.
FIGURE 4. Difference Amplifier Provides Differential to
Single-Ended Conversion and DC-Coupling.
FIGURE 5. Dual, Voltage-Feedback Amplifier OPA2680
Forms Differential Transimpedance Amplifier.
As shown in Figure 3, the transformer’s center tap is con-
nected to ground. This forces the voltage swing on IOUT and
IOUT to be centered at 0V. In this case the two resistors, RS,
may be replaced with one, RDIFF, or omitted altogether. This
approach should only be used if all components are close to
each other, and if the VSWR is not important. A complete
power transfer from the DAC output to the load can be
realized, but the output compliance range should be ob-
served. Alternatively, if the center tap is not connected, the
signal swing will be centered at RS • IOUTFS/2. However, in
this case, the two resistors (RS) must be used to enable the
necessary DC-current flow for both outputs.
DIFFERENTIAL CONFIGURATION USING AN OP AMP
If the application requires a DC-coupled output, a difference
amplifier may be considered, as shown in Figure 4. Four
external resistors are needed to configure the voltage-feed-
back op amp OPA680 as a difference amplifier performing
the differential to single-ended conversion. Under the shown
configuration, the DAC900 generates a differential output
signal of 0.5Vp-p at the load resistors, RL. The resistor
values shown were selected to result in a symmetric 25
Ω
loading for each of the current outputs since the input
impedance of the difference amplifier is in parallel to resis-
tors RL, and should be considered.
The OPA680 is configured for a gain of two. Therefore,
operating the DAC900 with a 20mA full-scale output will
produce a voltage output of
±1V. This requires the amplifier
to operate off of a dual power supply (
±5V). The tolerance
of the resistors typically sets the limit for the achievable
common-mode rejection. An improvement can be obtained
by fine tuning resistor R4.
This configuration typically delivers a lower level of ac
performance than the previously discussed transformer solu-
tion because the amplifier introduces another source of
distortion. Suitable amplifiers should be selected based on
their slew-rate, harmonic distortion, and output swing capa-
bilities. High-speed amplifiers like the OPA680 or OPA687
may be considered. The ac performance of this circuit may
be improved by adding a small capacitor, CDIFF, between the
outputs IOUT and IOUT, as shown in Figure 4. This will intro-
duce a real pole to create a low-pass filter in order to slew-
limit the DACs fast output signal steps that otherwise could
drive the amplifier into slew-limitations or into an overload
condition; both would cause excessive distortion. The differ-
ence amplifier can easily be modified to add a level shift for
applications requiring the single-ended output voltage to be
unipolar, i.e., swing between 0V and +2V.
DUAL TRANSIMPEDANCE OUTPUT CONFIGURATION
The circuit example of Figure 5 shows the signal output
currents connected into the summing junction of the
OPA2680, which is set up as a transimpedance stage, or
I-to-V converter. With this circuit, the DAC’s output will be
kept at a virtual ground, minimizing the effects of output
impedance variations, and resulting in the best DC linearity
(INL). However, as mentioned previously, the amplifier
may be driven into slew-rate limitations, and produce un-
wanted distortion. This may occur especially at high DAC
update rates.
I
OUT
I
OUT
DAC900
1:1
ADT1-1WT
(Mini-Circuits)
R
S
50
Ω
R
S
50
Ω
R
L
Optional
R
DIFF
I
OUT
I
OUT
DAC900
R
L
26.1
Ω
R
L
28.7
Ω
R
4
402
Ω
R
3
200
Ω
R
2
402
Ω
R
1
200
Ω
OPA680
C
DIFF
+5V
V
OUT
–5V
1/2
OPA2680
1/2
OPA2680
DAC900
–V
OUT = IOUT • RF
–V
OUT = IOUT • RF
R
F1
R
F2
C
F1
C
F2
C
D1
C
D2
I
OUT
I
OUT
50
Ω
50
Ω
–5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com