전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC902 데이터시트(PDF) 13 Page - Texas Instruments

부품명 DAC902
상세설명  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DAC902 데이터시트(HTML) 13 Page - Texas Instruments

Back Button DAC902 Datasheet HTML 9Page - Texas Instruments DAC902 Datasheet HTML 10Page - Texas Instruments DAC902 Datasheet HTML 11Page - Texas Instruments DAC902 Datasheet HTML 12Page - Texas Instruments DAC902 Datasheet HTML 13Page - Texas Instruments DAC902 Datasheet HTML 14Page - Texas Instruments DAC902 Datasheet HTML 15Page - Texas Instruments DAC902 Datasheet HTML 16Page - Texas Instruments DAC902 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DAC902
13
SBAS094B
As shown in Figure 3, the transformer’s center tap is con-
nected to ground. This forces the voltage swing on IOUT and
IOUT to be centered at 0V. In this case the two resistors, RS,
may be replaced with one, RDIFF, or omitted altogether. This
approach should only be used if all components are close to
each other, and if the VSWR is not important. A complete
power transfer from the DAC output to the load can be
realized, but the output compliance range should be ob-
served. Alternatively, if the center tap is not connected, the
signal swing will be centered at RS • IOUTFS/2. However, in
this case, the two resistors (RS) must be used to enable the
necessary DC-current flow for both outputs.
The OPA680 is configured for a gain of two. Therefore,
operating the DAC902 with a 20mA full-scale output will
produce a voltage output of
±1V. This requires the amplifier
to operate off of a dual power supply (
±5V). The tolerance
of the resistors typically sets the limit for the achievable
common-mode rejection. An improvement can be obtained
by fine tuning resistor R4.
This configuration typically delivers a lower level of ac
performance than the previously discussed transformer solu-
tion because the amplifier introduces another source of dis-
tortion. Suitable amplifiers should be selected based on their
slew-rate, harmonic distortion, and output swing capabilities.
High-speed amplifiers like the OPA680 or OPA687 may be
considered. The ac performance of this circuit may be im-
proved by adding a small capacitor, CDIFF, between the
outputs IOUT and IOUT (as shown in Figure 4). This will
introduce a real pole to create a low-pass filter in order to
slew-limiting the DACs fast output signal steps that other-
wise could drive the amplifier into slew-limitations or into an
overload condition; both would cause excessive distortion.
The difference amplifier can easily be modified to add a level
shift for applications requiring the single-ended output volt-
age to be unipolar, i.e., swing between 0V and +2V.
DUAL TRANSIMPEDANCE OUTPUT CONFIGURATION
The circuit example of Figure 5 shows the signal output
currents connected into the summing junction of the
OPA2680, which is set up as a transimpedance stage, or
I-to-V converter. With this circuit, the DAC’s output will be
kept at a virtual ground, minimizing the effects of output
impedance variations, which results in the best DC linearity
(INL). However, as mentioned previously, the amplifier
may be driven into slew-rate limitations, and produce un-
wanted distortion. This may occur especially at high DAC
update rates.
DIFFERENTIAL CONFIGURATION USING AN OP AMP
If the application requires a DC-coupled output, a difference
amplifier may be considered, as shown in Figure 4. Four
external resistors are needed to configure the voltage-feed-
back op amp OPA680 as a difference amplifier performing
the differential to single-ended conversion. Under the shown
configuration, the DAC902 generates a differential output
signal of 0.5Vp-p at the load resistors, RL. The resistor
values shown were selected to result in a symmetric 25
Ω
loading for each of the current outputs since the input
impedance of the difference amplifier is in parallel to resis-
tors RL, and should be considered.
FIGURE 4. Difference Amplifier Provides Differential to
Single-Ended Conversion and DC-Coupling.
FIGURE 5. Dual, Voltage-Feedback Amplifier OPA2680
Forms Differential Transimpedance Amplifier.
1/2
OPA2680
1/2
OPA2680
DAC902
–V
OUT = IOUT • RF
–V
OUT = IOUT • RF
R
F1
R
F2
C
F1
C
F2
C
D1
C
D2
I
OUT
I
OUT
50
Ω
50
Ω
–5V
+5V
I
OUT
I
OUT
DAC902
R
L
26.1
Ω
R
L
28.7
Ω
R
4
402
Ω
R
3
200
Ω
R
2
402
Ω
R
1
200
Ω
OPA680
C
OPT
+5V
V
OUT
–5V
DAC902
I
OUT
I
OUT
1:1
ADT1-1WT
(Mini-Circuits)
R
S
50
Ω
R
S
50
Ω
R
L
Optional
R
DIFF
FIGURE 3. Differential Output Configuration Using an RF
Transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com