| 전자부품 데이터시트 검색엔진 |
|
S29GL01GS 데이터시트(PDF) 97 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S29GL01GS 데이터시트(HTML) 97 Page - Cypress Semiconductor |
|
97 / 108 page ![]() Document Number: 001-98285 Rev. *R Page 97 of 108 S29GL01GS/S29GL512S S29GL256S/S29GL128S 14. Ordering Information Valid Combinations — Standard Table 14.1 lists configurations planned to be available in volume. The table will be updated as new combinations are released. Consult your local sales representative to confirm availability of specific combinations and to check on newly released combinations. Table 14.1 S29GL-S Valid Combinations — Standard S29GL-S Valid Combinations — Standard Base OPN Speed (ns) Package and Temperature Model Number Packing Type Ordering Part Number (yy = Model Number, x = Packing Type) S29GL01GS 100 DHI, FAI, FHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL01GS10DHIyyx S29GL01GS10FAIyyx S29GL01GS10FHIyyx S29GL01GS10TFIyyx 110 DHV, TFV (Note 1) 01, 02 S29GL01GS11DHVyyx S29GL01GS11TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL01GS11DHIyyx S29GL01GS11FHIyyx S29GL01GS11TFIyyx 120 DHV, TFV (Note 1) V1, V2 S29GL01GS12DHVyyxx S29GL01GS12TFVyyxx S29GL512S 100 DHI, FAI, FHI, GHI, SFI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL512S10DHIyyx S29GL512S10FAIyyx S29GL512S10FHIyyx S29GL512S10GHIyyx S29GL512S10SFIyyx S29GL512S10TFIyyx 110 GHI (Note 1) 01, 02 S29GL512S11GHIyyx DHV, TFV (Note 1) 01, 02 S29GL512S11DHVyyx S29GL512S11TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL512S11DHIyyx S29GL512S11FHIyyx S29GL512S11TFIyyx 120 DHV, TFV (Note 1) V1, V2 S29GL512S12DHVyyxx S29GL512S12TFVyyxx S29GL256S 90 DHI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL256S90DHIyyx S29GL256S90FHIyyx S29GL256S90GHIyyx S29GL256S90TFIyyx 100 DHV, TFV (Note 1) 01, 02 S29GL256S10DHVyyx S29GL256S10TFVyyx DHI, FAI, FHI, TFI (Note 1) V1, V2 S29GL256S10DHIyyx S29GL256S10FAIyyx S29GL256S10FHIyyx S29GL256S10TFIyyx 110 DHV, TFV (Note 1) V1, V2 S29GL256S11DHVyyxx S29GL256S11TFVyyxx |