전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 74AC11
상세설명  TRIPLE 3-INPUT AND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC11 데이터시트(HTML) 5 Page - STMicroelectronics

  74AC11 Datasheet HTML 1Page - STMicroelectronics 74AC11 Datasheet HTML 2Page - STMicroelectronics 74AC11 Datasheet HTML 3Page - STMicroelectronics 74AC11 Datasheet HTML 4Page - STMicroelectronics 74AC11 Datasheet HTML 5Page - STMicroelectronics 74AC11 Datasheet HTML 6Page - STMicroelectronics 74AC11 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
Plastic DIP-14 MECHANICAL DATA
74AC11
5/7



Html Pages

1 2 3 4 5 6 7