전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA143UA/2K5 데이터시트(PDF) 10 Page - Texas Instruments

부품명 INA143UA/2K5
상세설명  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

INA143UA/2K5 데이터시트(HTML) 10 Page - Texas Instruments

Back Button INA143UA/2K5 Datasheet HTML 6Page - Texas Instruments INA143UA/2K5 Datasheet HTML 7Page - Texas Instruments INA143UA/2K5 Datasheet HTML 8Page - Texas Instruments INA143UA/2K5 Datasheet HTML 9Page - Texas Instruments INA143UA/2K5 Datasheet HTML 10Page - Texas Instruments INA143UA/2K5 Datasheet HTML 11Page - Texas Instruments INA143UA/2K5 Datasheet HTML 12Page - Texas Instruments INA143UA/2K5 Datasheet HTML 13Page - Texas Instruments INA143UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
®
INA143, INA2143
SIMILAR COMPLETE
A1, A2
FEATURE
BURR-BROWN IA
OPA2227
Low Noise
INA103
OPA129
Ultra Low Bias Current (fA)
INA116
OPA2277
Low Offset Drift, Low Noise
INA114, INA128
OPA2130
Low Power, FET-Input (pA)
INA121
OPA2234
Single Supply, Precision, Low Power
INA122, INA118
OPA2237
Single Supply, Low Power, MSOP-8
INA122, INA126
The INA143 can be combined with op amps to form a complete instrumenta-
tion amplifier with specialized performance characteristics. Burr-Brown offers
many complete high performance IAs. Products with related performances
are shown at the right in the table below.
FIGURE 9. Precision G = 11 Buffer.
FIGURE 4. Difference Amplifier with Gain and CMR Adjust.
FIGURE 5. Precision G = –10 Inverting Amplifier.
This circuit follows an 11/1 divider with a gain of 11 for an overall gain of unity.
With an 11/1 divider, the input signal can exceed 55V without damage as
long as input current is less than 0.5mA.
FIGURE 6. Voltage Follower with Input Protection.
FIGURE 7. Precision Instrumentation Amplifier.
FIGURE 8. Precision Summing Amplifier.
10
Ω
10
Ω
10k
Ω
100k
Ω
10k
Ω
100k
Ω
200
Ω
200
Ω
V
1
V
2
2
3
5
1
6
V
O
Gain
Adjust
CMR
Adjust
INA143
To eliminate adjustment interactions,
first adjust gain with V
2 grounded.
V
2
25
6
INA143
3
V
O = –10 • V2
1
Gain Error = 0.05% maximum
Nonlinearity = 0.001% maximum
Gain Drift = 1ppm/
°C
10k
Ω
100k
Ω
10k
Ω
100k
Ω
25
6
INA143
3
R
3
10k
Ω
V
O = VIN
V
IN
R
1
10k
Ω
R
4
100k
Ω
1
R
2
100k
Ω
±55V
Without
Damage
V
1
–In
2
3
5
10k
Ω
100k
Ω
10k
Ω
100k
Ω
1
6
INA143
V
0 = 10 (1 + 2R2 /R1) (V2 – V1)
A
2
A
1
V
2
+In
R
1
R
2
V
O
R
2
25
6
INA143
V
1
R
1
10k
Ω
R
4
100k
Ω
1
R
2
100k
Ω
R
3
10k
Ω
3
V
3
V
O = V1 + 10 • V3
10k
Ω
100k
Ω
5
6
INA143
V
O = 11 • VIN
1
2
100k
Ω
10k
Ω
V
IN
3
Gain Error =
0.05% maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com