전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46533M 데이터시트(PDF) 13 Page - Renesas Technology Corp

부품명 SLG46533M
상세설명  Programmable Mixed-signal Matrix
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46533M 데이터시트(HTML) 13 Page - Renesas Technology Corp

Back Button SLG46533M Datasheet HTML 9Page - Renesas Technology Corp SLG46533M Datasheet HTML 10Page - Renesas Technology Corp SLG46533M Datasheet HTML 11Page - Renesas Technology Corp SLG46533M Datasheet HTML 12Page - Renesas Technology Corp SLG46533M Datasheet HTML 13Page - Renesas Technology Corp SLG46533M Datasheet HTML 14Page - Renesas Technology Corp SLG46533M Datasheet HTML 15Page - Renesas Technology Corp SLG46533M Datasheet HTML 16Page - Renesas Technology Corp SLG46533M Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 189 page
background image
© 2025 Renesas Electronics Corporation
Page 12 of 187
SLG46533
Revision 1.30
TSU
Startup Time
From VDD rising past PONTHR
0.78
1.27
1.87
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the Chip
1.39
1.55
1.68
V
POFFTHR Power Off Threshold
VDD Level Required to Switch Off the
Chip
1.01
1.17
1.35
V
RPUP
Pull Up Resistance
1 M Pull Up
--
1
--
M
100 k Pull Up
--
100
--
k
10 k Pull Up
--
10
--
k
RPDWN
Pull Down Resistance
1 M Pull Down
--
1
--
M
100 k Pull Down
--
100
--
k
10 k Pull Down
--
10
--
k
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. IOs 0, 1, 2, 3, 4, 5, 6, 7 and 8 are connected to one side, IOs 9,
10, 11, 12, 13, 14, 15, 16 and 17 to another.
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More