전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46534 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 SLG46534
상세설명  Programmable Mixed-signal Matrix with Asynchronous State Machine
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46534 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button SLG46534 Datasheet HTML 17Page - Renesas Technology Corp SLG46534 Datasheet HTML 18Page - Renesas Technology Corp SLG46534 Datasheet HTML 19Page - Renesas Technology Corp SLG46534 Datasheet HTML 20Page - Renesas Technology Corp SLG46534 Datasheet HTML 21Page - Renesas Technology Corp SLG46534 Datasheet HTML 22Page - Renesas Technology Corp SLG46534 Datasheet HTML 23Page - Renesas Technology Corp SLG46534 Datasheet HTML 24Page - Renesas Technology Corp SLG46534 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
© 2025 Renesas Electronics Corporation
Page 20 of 168
SLG46534
Revision 1.21
PROP
Propagation Delay,
Response Time
Low Bandwidth -
Enable, Gain = 1,
VDD = (1.71..3.3) V,
Overdrive = 5 mV,
Vref = 250 mV
Low to High,
T = (-40…+85) °C
--
36.46
216.78
µs
High to Low,
T = (-40…+85) °C
--
39.79
216.05
µs
Low Bandwidth -
Disable, Gain = 1,
VDD = (1.71..3.3) V,
Overdrive = 5 mV,
Vref = 250 mV
Low to High,
T = (-40…+85) °C
--
2.04
3.37
µs
High to Low,
T = (-40…+85) °C
--
2.21
4.12
µs
Low Bandwidth -
Enable, Gain = 1,
VDD = (3.3..5.5) V,
Overdrive = 5 mV,
Vref = 250 mV
Low to High,
T = (-40…+85) °C
--
25.81
132.94
µs
High to Low,
T = (-40…+85) °C
--
28.65
142.43
µs
Low Bandwidth -
Disable, Gain = 1,
VDD = (3.3..5.5) V,
Overdrive = 5 mV,
Vref = 250 mV
Low to High,
T = (-40…+85) °C
--
1.74
2.93
µs
High to Low,
T = (-40…+85) °C
--
1.97
3.96
µs
Low Bandwidth -
Enable, Gain = 1,
VDD = (1.71..3.3) V,
Overdrive = 5 mV,
Vref = 600 mV
Low to High,
T = (-40…+85) °C
--
37.36
222.82
µs
High to Low,
T = (-40…+85) °C
--
40.67
219.61
µs
Low Bandwidth -
Disable, Gain = 1,
VDD = (1.71..3.3) V,
Overdrive = 5 mV,
Vref = 600 mV
Low to High,
T = (-40…+85) °C
--
2.23
4.02
µs
High to Low,
T = (-40…+85) °C
--
2.23
4.33
µs
Low Bandwidth -
Enable, Gain = 1,
VDD = (3.3..5.5) V,
Overdrive = 5 mV,
Vref = 600 mV
Low to High,
T = (-40…+85) °C
--
26.41
135.47
µs
High to Low,
T = (-40…+85) °C
--
29.32
149.01
µs
Low Bandwidth -
Disable, Gain = 1,
VDD = (3.3..5.5) V,
Overdrive = 5 mV,
Vref = 600 mV
Low to High,
T = (-40…+85) °C
--
1.92
3.53
µs
High to Low,
T = (-40…+85) °C
--
2.00
4.25
µs
Low Bandwidth -
Enable, Gain = 1,
VDD = (1.71..3.3) V,
Overdrive = 5 mV,
Vref = 850 mV
Low to High,
T = (-40…+85) °C
--
38.36
232.64
µs
High to Low,
T = (-40…+85) °C
--
41.67
232.78
µs
Low Bandwidth -
Disable, Gain = 1,
VDD = (1.71..3.3) V,
Overdrive = 5 mV,
Vref = 850 mV
Low to High,
T = (-40…+85) °C
--
2.26
4.20
µs
High to Low,
T = (-40…+85) °C
--
2.25
4.60
µs
Low Bandwidth -
Enable, Gain = 1,
VDD = (3.3..5.5) V,
Overdrive = 5 mV,
Vref = 850 mV
Low to High,
T = (-40…+85) °C
--
27.08
137.02
µs
High to Low,
T = (-40…+85) °C
--
29.89
146.92
µs
Symbol
Parameter
Description/Note
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com