| 전자부품 데이터시트 검색엔진 |
|
STM32F071C8T6 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F071C8T6 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 121 page ![]() Pinouts and pin descriptions STM32F071CB STM32F071RB STM32F071VB STM32F071V8 34/121 DocID025451 Rev 3 K3 25 16 12 E5 PA2 I/O TTa - USART2_TX, TIM2_CH3, TIM15_CH1, TSC_G1_IO3 ADC_IN2, COMP2_OUT, COMP2_INM6, WKUP4 L3 26 17 13 E4 PA3 I/O TTa - USART2_RX,TIM2_CH4, TIM15_CH2, TSC_G1_IO4 ADC_IN3, COMP2_INP D3 27 18 - - VSS S - - Ground H3 28 19 - - VDD S - - Digital power supply M3 29 20 14 G6 PA4 I/O TTa - SPI1_NSS, I2S1_WS, TIM14_CH1, TSC_G2_IO1, USART2_CK COMP1_INM4, COMP2_INM4, ADC_IN4, DAC_OUT1 K4 30 21 15 F5 PA5 I/O TTa - SPI1_SCK, I2S1_CK, CEC, TIM2_CH1_ETR, TSC_G2_IO2 COMP1_INM5, COMP2_INM5, ADC_IN5, DAC_OUT2 L4 31 22 16 F4 PA6 I/O TTa - SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT, USART3_CTS ADC_IN6 M4 32 23 17 F3 PA7 I/O TTa - SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, COMP2_OUT, TSC_G2_IO4, EVENTOUT ADC_IN7 K5 33 24 - - PC4 I/O TTa - EVENTOUT, USART3_TX ADC_IN14 L5 34 25 - - PC5 I/O TTa - TSC_G3_IO1, USART3_RX ADC_IN15, WKUP5 M5 35 26 18 G5 PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT, USART3_CK ADC_IN8 M6 36 27 19 G4 PB1 I/O TTa - TIM3_CH4, USART3_RTS, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 L6 37 28 20 G3 PB2 I/O FT TSC_G3_IO4 - Table 12. STM32F071CB/RB/VB/V8 pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |