| 전자부품 데이터시트 검색엔진 |
|
ISO124P 데이터시트(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO124P 데이터시트(HTML) 27 Page - Texas Instruments |
|
27 / 29 page ![]() MECHANICAL DATA MPDI072 – AUGUST 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 NVF (R-PDIP-T8/16) PLASTIC DUAL-IN-LINE 4202501/A 08/01 0.150 (3,81) 0.115 (2,92) C 0.005 (0,13) MIN 4 PL 18 9 16 0.775 (21,34) 0.735 (18,67) 0.240 (6,10) 0.280 (7,11) 0.070 (1,78) 0.045 (1,14) 0.030 (0,76) 0.045 (1,14) 0.014 (0,36) 0.022 (0,56) 0.010 (0,25) M C 0.210 (5,33) 0.195 (4,95) 0.115 (2,92) 0.300 (7,63) MAX 0.430 (10,92) 0.000 (0,00) 0.060 (1,52) 0.014 (0,36) 0.008 (0,20) 0.325 (8,26) 0.300 (7,62) Index Area 0.015 (0,38) MIN 0.100 (2,54) Seating Plane Base Plane MAX F F D D D E 1/2 Lead A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Falls within JEDEC MS-001-BB with the exception of lead count. D. Dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 (0,25). E. Dimensions measured with the leads constrained to be perpendicular to Datum C. F. Dimensions are measured at the lead tips with the leads unconstrained. G. A visual index feature must be located within the cross-hatched area. |