전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JWHF 데이터시트(PDF) 4 Page - Panasonic Semiconductor

부품명 JWHF
상세설명  COMPACT PC BOARD POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JWHF 데이터시트(HTML) 4 Page - Panasonic Semiconductor

  JWHF Datasheet HTML 1Page - Panasonic Semiconductor JWHF Datasheet HTML 2Page - Panasonic Semiconductor JWHF Datasheet HTML 3Page - Panasonic Semiconductor JWHF Datasheet HTML 4Page - Panasonic Semiconductor JWHF Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
JW
4
ds_61128_0000_en_jw: 151106D
1-(4). Maximum operating power
1 Form C High Capacity (10 A) type
1-(5). Maximum operating power
2 Form A Standard (5 A) type
1-(6). Maximum operating power
2 Form C Standard (5 A) type
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cosϕ = 1.0)
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cosϕ = 1.0)
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cosϕ = 1.0)
2-(1). Life curve
1 Form A Standard (5 A) type
2-(2). Life curve
1 Form A High Capacity (10 A) type
3-(1). Operate/release time
Sample: JW1aSN-DC12V-F, 10 pcs.
Ambient temperature: 20
°C 68°F
100
10
510
15
Contact current, A
250 V AC resistive load
30 V DC resistive load (cosϕ =1.0)
100
10
510
15
Contact current, A
250 V AC resistive load
30 V DC resistive load (cosϕ =1.0)
80
90
100
110
120
5
0
10
Min.
Max.
Min.
x-
x-
Max.
Coil applied voltage, %V
Operate time
Release time
3-(2). Operate/release time
Sample: JW1aFSN-DC12V, 10 pcs.
Ambient temperature: 20
°C 68°F
3-(3). Operate/release time
Sample: JW1SN-DC12V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
3-(4). Operate/release time
Sample: JW2aSN-DC24V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
80
90
100
110
120
5
0
10
Min.
Max.
Min.
x-
x-
Max.
Coil applied voltage, %V
Operate time
Release time
x
Max.
Min.
13
12
11
10
9
6
4
80
90
100
110
8
7
3
22
1
5
80
90
110
130
120
120
Max.
Min.
Max.
Min.
x-
x-
Coil applied voltage, %V
14
13
12
10
8
6
4
2
80
90
100
110
120
14
13
12
10
8
6
4
2
80
90
100
110
120
Min.
x-
x-
Coil applied voltage, %V
Operate time
Release time
Max.
Max.
Min.
3-(5). Operate/release time
Sample: JW2SN-DC12V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
4-(1). Coil temperature rise
(Contact carrying current: 5A)
Sample JW1aFSN-DC12V-F, 6 pcs.
Point measured: Inside the coil
4-(2). Coil temperature rise
(Contact carrying current: 10 A)
Sample: JW1aFSN-DC12V-F, 6 pcs.
Point measured: Inside the coil
9
8
7
6
5
4
3
2
1
0
80
90
100
110
120
130
Max.
Coil applied voltage, %V
Operate time
Release time
Min.
Max.
Min.
Max.
x-
x-
100
140
120
160
10
20
30
40
50
60
70
0
Coil applied voltage, %V
85°C
60°C
25°C
100
140
120
160
10
20
30
40
50
60
70
0
Coil applied voltage, %V
85°C
60°C
25°C



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com