전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM321 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM321
상세설명  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM321 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM321 Datasheet HTML 6Page - Texas Instruments LM321 Datasheet HTML 7Page - Texas Instruments LM321 Datasheet HTML 8Page - Texas Instruments LM321 Datasheet HTML 9Page - Texas Instruments LM321 Datasheet HTML 10Page - Texas Instruments LM321 Datasheet HTML 11Page - Texas Instruments LM321 Datasheet HTML 12Page - Texas Instruments LM321 Datasheet HTML 13Page - Texas Instruments LM321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM321
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
www.ti.com
8.2 Typical Applications
8.2.1 Noninverting DC Gain (0-V Input = 0-V Output)
Figure 7. Non-Inverting DC Gain Schematic (0-V Input = 0-V Output)
8.2.1.1 Design Requirements
•
Supply voltage (up to 32 V)
•
Phase margin: 60°
8.2.1.2 Detailed Design Procedure
•
Connect 1-M
Ω feedback resistor between the output and the inverting terminal of the amplifier.
•
Connect 10-k
Ω resistor between the inverting terminal and ground. Place the resistor as close to the inverting
pin as possible.
•
Connect power supply and input voltages.
8.2.1.3 Application Curve
* R not needed due to temperature independent
Figure 8. Gain of the Noninverting Amplifier
10
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com