전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC240 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 74AC240
상세설명  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC240 데이터시트(HTML) 7 Page - STMicroelectronics

  74AC240 Datasheet HTML 1Page - STMicroelectronics 74AC240 Datasheet HTML 2Page - STMicroelectronics 74AC240 Datasheet HTML 3Page - STMicroelectronics 74AC240 Datasheet HTML 4Page - STMicroelectronics 74AC240 Datasheet HTML 5Page - STMicroelectronics 74AC240 Datasheet HTML 6Page - STMicroelectronics 74AC240 Datasheet HTML 7Page - STMicroelectronics 74AC240 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SO20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45
° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M
0.75
0.029
S8
° (max.)
P013L
74AC240
7/8



Html Pages

1 2 3 4 5 6 7 8