전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3538TMX/NOPB 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM3538TMX/NOPB
상세설명  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Logic Interface Characteristics
(1) (2)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I2C Compatible Interface Timing Specifications (SCL, SDA)(3)
t1
SCL (Clock Period)
See(4)
2.5
µs
t2
Data In Setup Time to SCL High
100
ns
t3
Data Out stable After SCL Low
0
ns
SDA Low Setup Time to SCL Low
t4
100
ns
(Start)
SDA High Hold Time After SCL High
t5
100
ns
(Stop)
I2C-Compatible Interface Voltage Specifications (SCL, SDA)
VIL
Input Logic Low "0"
2.7V
≤ VIN_A ≤ 5.5V
0
0.45
V
VIH
Input Logic High "1"
2.7V
≤ VIN_A ≤ 5.5V
1.25
VIN_A
V
VOL
Output Logic Low "0"
ILOAD = 3mA
400
mV
Logic inputs HWEN and PWM
Reset
0
0.45
VHWEN
HWEN Voltage Thresholds
2.7V
≤ VIN_A ≤ 5.5V
V
Normal Operation
1.2
VIN_A
LEDs Off
0
0.45
VPWM
PWM Voltage Thresholds
2.7V
≤ VIN_A ≤ 5.5V
V
LEDs On
1.2
VIN_A
ALS Interrupt
VOL-INT
Interrupt Output Logic Low '0'
ILOAD = 3mA
400
mV
Logic outputs GPO1, GPO2(5)
VOL
Output Low Level
IOUT = 3mA
0.3
0.5
V
VOUT
VOUT_S
VOH
Output High Level
IOUT = −2mA
_S
V
−0.5
−0.3
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most
likely norm.
(3)
SCL and SDA should be glitch-free in order for proper device control to be realized. See Timing Parameters for timing specification
details.
(4)
SCL is tested with a 50% duty-cycle clock.
(5)
VOUT_S = SBIAS pin output voltage. The voltage level of the GPOs depends on the sbias_en-bit: '1'; GPOs will behave as push-pull
outputs and will reference the high-side to the voltage of SBIAS. '0'; GPOs will act as open-drain outputs (default). In the open-drain
configuration, they can be high-side referenced to any voltage equal or less than the VIN_A of the LM3538. Output High Level (VOH)
specification is valid only for push-pull -type outputs.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com