전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC257 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 74AC257
상세설명  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC257 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button 74AC257 Datasheet HTML 3Page - STMicroelectronics 74AC257 Datasheet HTML 4Page - STMicroelectronics 74AC257 Datasheet HTML 5Page - STMicroelectronics 74AC257 Datasheet HTML 6Page - STMicroelectronics 74AC257 Datasheet HTML 7Page - STMicroelectronics 74AC257 Datasheet HTML 8Page - STMicroelectronics 74AC257 Datasheet HTML 9Page - STMicroelectronics 74AC257 Datasheet HTML 10Page - STMicroelectronics 74AC257 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74AC257
8/11
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e2.54
0.100
e3
17.78
0.700
F7.1
0.280
I5.1
0.201
L3.3
0.130
Z1.27
0.050
P001C
Plastic DIP-16 (0.25) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11