| 전자부품 데이터시트 검색엔진 |
|
FREE-SPACE-ISOLATOR 데이터시트(PDF) 1 Page - Coherent Corp |
|
|
|||||||||||||||||||||||||||||
FREE-SPACE-ISOLATOR 데이터시트(HTML) 1 Page - Coherent Corp |
|
1 / 3 page ![]() Coherent’s Free Space Isolators cores are used in various TOSAs, which require isolation to prevent feedback into the laser. This product is available in single and double stage designs. The Free Space Isolators offer excellent performance with low insertion loss and high isolation. Coherent’s proprietary process, combined with 15+ years of volume manufacturing experience and high level capacity, results in a high reliability record. We are providing various types FSIs including latching, non-latching; single stage, dual stage; core and assemblies. Typical assemblies include magnet rings, SMT, receptacles, Fiber array and relative cables. FEATURES APPLICATIONS • High Isolation • Low Insertion Loss • Compact Size • Environmental Stable • RoHS Compliant • Optical Transmitter • Fiber Laser • Tunable Laser FREE SPACE ISOLATOR Optical Communications |
유사한 부품 번호 - FREE-SPACE-ISOLATOR |
|
유사한 설명 - FREE-SPACE-ISOLATOR |